전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLA60PD1200NA 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 CLA60PD1200NA
상세설명  SCR Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CLA60PD1200NA 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  CLA60PD1200NA Datasheet HTML 1Page - Inchange Semiconductor Company Limited CLA60PD1200NA Datasheet HTML 2Page - Inchange Semiconductor Company Limited CLA60PD1200NA Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISTM4124
eq CLA60PD1200NA
SCR Module
www.iscsemi.com
1
DESCRIPTION
· Thyristor for line frequency
· Planar passivated chip
· Long-term stability
APPLICATIONS
· AC power control
· DC Motor control
· Power converter
ABSOLUTE MAXIMUM RATINGS(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive Peak Off-State Voltage, Tvj = 25 °C
1200
V
VRRM
Repetitive Peak Reverse Voltage, Tvj = 25 °C
1200
V
IR/ID
Reverse Current / Off-State Current, VR/VD=1200V, Tvj = 25 °C
50
µA
IT(AV)
Average On-State Current, 180° sine wave,Tvj = Tvj max,Tc = 100 °C
60
A
IT(RMS)
R.M.S On-State Current, 180° sine wave
94
A
Ptot
Total Power Dissipation, Tc = 25 °C
220
W
ITSM
Non-Repetitive Surge On-State Current,
tp = 10 ms; (50 Hz), sine, Tvj = 45 °C
1.1
kA
I2t
I2t value for fusing
tp = 10 ms; (50 Hz), sine, Tvj = 45 °C
6.05
kA2s
Tvj
Operating Junction Temperature
-40~150
℃
Tstg
Storage Temperature
-40~150
℃


유사한 부품 번호 - CLA60PD1200NA

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
CLA60PD1200NA IXYS-CLA60PD1200NA Datasheet
717Kb / 5P
High Efficiency Thyristor
More results

유사한 설명 - CLA60PD1200NA

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MDS35 STMICROELECTRONICS-MDS35 Datasheet
399Kb / 7P
DIODE / SCR MODULE
Dec-2000
logo
Green Power Solutions s...
GMTT62050 GPSEMI-GMTT62050 Datasheet
46Kb / 1P
DUAL SCR MODULE
logo
List of Unclassifed Man...
VVY40-16IO1 ETC2-VVY40-16IO1 Datasheet
586Kb / 2P
SCR MODULE STRUCTURE DEFINITION
logo
Kersemi Electronic Co.,...
MDS35-800 KERSEMI-MDS35-800 Datasheet
648Kb / 7P
DIODE / SCR MODULE
logo
Green Power Solutions s...
GMTT62050 GPSEMI-GMTT62050_17 Datasheet
55Kb / 1P
DUAL SCR MODULE
logo
Powerex Power Semicondu...
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
Dual SCR Isolated Module
LS430850 POWEREX-LS430850_10 Datasheet
173Kb / 4P
Single SCR Isolated Module
LS431843 POWEREX-LS431843_10 Datasheet
137Kb / 4P
Single SCR Isolated Module
CD631815C POWEREX-CD631815C Datasheet
486Kb / 4P
Dual SCR Isolated Module
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
Dual SCR Isolated Module
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com