| 전자부품 데이터시트 검색엔진 |
|
36732 데이터시트(PDF) 12 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36732 데이터시트(HTML) 12 Page - Wiha Tools |
|
12 / 44 page ![]() 12 Toll Free: (800) 494-6104 13 Piece MagicRing Inch Ball End Screwdriver Set Hex blade chrome- vanadium-molybdenum steel, hardened, hard chromed. Wiha-SoftFinish® handle, multi- component, cushion grip. Item No. Inch Inch Inch Inch lbs. 36791 .050* 3.0 5/32 5.0 2.58 1/16* 3.0 3/16 6.0 5/64* 4.0 7/32 6.0 3/32* 4.0 1/4 6.0 7/64* 4.0 5/16 8.0 1/8 4.0 3/8 8.0 9/64 4.0 * Standard Ball - No Ring 36791 8 Piece MagicRing Inch Ball End Screwdriver Set Hex blade CVM steel, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. Inch Inch Inch Inch lbs. 36793 1/8 4.0 7/32 6.0 2.25 9/64 4.0 1/4 6.0 5/32 5.0 5/16 8.0 3/16 6.0 3/8 8.0 36793 Cushioned grip and extra large diameter to achieve high torque Flat surfaces give roll-off protection molded on handle for permanent bond Hard Chrome Finish Screw Holding Hex Tools Wiha MagicRing SoftFinish® Hex Drivers Screw Holding 6 Piece MagicRing Inch Ball End Screwdriver Set Hex blade CVM steel, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. Inch Inch Inch Inch lbs. 36794 1/8 4.0 3/16 6.0 1.34 9/64 4.0 7/32 6.0 5/32 5.0 1/4 6.0 36794 Don’t Drop That Screw! Save Valuable Time! Improve Productivity! Make The Job Easy! MagicRing Ball End Hex-Driver Inch, With Wiha-SoftFinish® Handle Hex blade, high alloy CVM steel, hardened, hard chromed. SoftFinish® handle, multi-component, cushion grip. 367 Item No. Inch Inch mm mm Inch mm Inch lbs. pkg. 36710* .050 3.1 80 179 7.0 23 .91 .06 10 36713* 1/16 3.1 80 204 8.0 23 .91 .06 10 36716* 5/64 3.9 100 204 8.0 23 .91 .07 10 36719* 3/32 3.9 100 204 8.0 23 .91 .07 10 36723* 7/64 3.9 100 211 8.3 23 .91 .07 10 With MagicRing 36726 1/8 3.9 100 243 9.6 30 1.18 .12 10 36728 9/64 3.9 100 243 9.6 30 1.18 .12 10 36732 5/32 5.0 125 271 10.7 30 1.18 .12 10 36734 3/16 6.0 150 271 10.7 30 1.18 .16 10 36736 7/32 6.0 150 271 10.7 36 1.42 .23 10 36738 1/4 6.0 150 271 10.7 36 1.42 .25 10 36742 5/16 8.0 200 271 10.7 36 1.42 .37 10 36744 3/8 8.0 200 271 10.7 41 1.61 .54 10 * Standard Ball - No Ring |