전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC3587LP3BETR 데이터시트(PDF) 3 Page - Analog Devices

부품명 HMC3587LP3BETR
상세설명  HBT GAIN BLOCK MMIC AMPLIFIER, 4 - 10 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC3587LP3BETR 데이터시트(HTML) 3 Page - Analog Devices

  HMC3587LP3BETR Datasheet HTML 1Page - Analog Devices HMC3587LP3BETR Datasheet HTML 2Page - Analog Devices HMC3587LP3BETR Datasheet HTML 3Page - Analog Devices HMC3587LP3BETR Datasheet HTML 4Page - Analog Devices HMC3587LP3BETR Datasheet HTML 5Page - Analog Devices HMC3587LP3BETR Datasheet HTML 6Page - Analog Devices HMC3587LP3BETR Datasheet HTML 7Page - Analog Devices HMC3587LP3BETR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC3587LP3BE
v02.0717
HBT GAIN BLOCK
MMIC AMPLIFIER, 4 - 10 GHz
Psat vs. Temperature
Phase Noise @ Pin=0 dBm
Output IP3 vs. Temperature
Power Compression @ 5 GHz
Power Compression @ 7 GHz
6
8
10
12
14
16
18
20
456789
10
+25C
+85C
-40C
FREQUENCY (GHz)
10
15
20
25
30
35
456789
10
+25C
+85C
-40C
FREQUENCY (GHz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
10
2
10
3
10
4
10
5
10
6
10
7
10
8
5 GHz
7 GHz
OFFSET(Hz)
-5
0
5
10
15
20
-20
-15
-10
-5
0
5
Pout
Gain
PAE
INPUT POWER (dBm)
-5
0
5
10
15
20
-20
-17
-14
-11
-8
-5
-2
1
4
7
Pout
Gain
PAE
INPUT POWER (dBm)
Power Compression @ 9 GHz
-5
0
5
10
15
20
-20
-17
-14
-11
-8
-5
-2
1
4
7
Pout
Gain
PAE
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com