| 전자부품 데이터시트 검색엔진 |
|
0028212. 데이터시트(PDF) 5 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
0028212. 데이터시트(HTML) 5 Page - Lapp. |
|
5 / 5 page ![]() Article number Number of cores and mm² per conductor Outer diameter [mm] Copper index [kg/km] Weight [kg/km] 0028540 40 x 0.5 15.8 192 392 0028602 2 x 0.75 5.1 14.4 48 0028603 3 x 0.75 5.6 21.6 57 0028604 4 x 0.75 6.1 28.8 69 0028605 5 x 0.75 6.9 36 78 0028607 7 x 0.75 7.5 50 112 0028608 8 x 0.75 8.7 58 126 0028610 10 x 0.75 9.4 72 149 0028612 12 x 0.75 10.1 86 176 0028616 16 x 0.75 11.2 115 218 0028620 20 x 0.75 12.4 144 274 0028625 25 x 0.75 14 180 320 0028702 2 x 1.0 5.6 19.2 55 0028703 3 x 1.0 5.9 29 70 0028704 4 x 1.0 6.4 38.4 79 0028705 5 x 1.0 7.3 48 98 0028802 2 x 1.5 6.2 29 74 0028803 3 x 1.5 6.8 43 89 0028804 4 x 1.5 7.4 58 105 |