| 전자부품 데이터시트 검색엔진 |
|
0028316. 데이터시트(PDF) 3 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
0028316. 데이터시트(HTML) 3 Page - Lapp. |
|
3 / 5 page ![]() Article number Number of cores and mm² per conductor Outer diameter [mm] Copper index [kg/km] Weight [kg/km] UNITRONIC® LiYY 0028202 2 x 0.14 3.2 2.7 13.2 0028203 3 x 0.14 3.4 4.05 16 0028204 4 x 0.14 3.6 5.4 18.9 0028205 5 x 0.14 3.9 6.72 22.2 0028207 7 x 0.14 4.2 9.45 28.4 0028208 8 x 0.14 4.9 10.2 35.2 0028210 10 x 0.14 5.2 13.5 41.2 0028212 12 x 0.14 5.6 16.2 48.4 0028214 14 x 0.14 5.8 18.9 52.9 0028216 16 x 0.14 6.1 21.6 59.1 0028220 20 x 0.14 7 27 70.8 0028225 25 x 0.14 7.8 33.6 87.2 0028236 36 x 0.14 8.6 48.6 126.8 0028237 37 x 0.14 8.9 49.7 118 0028240 40 x 0.14 9.3 54 139.1 0028250 50 x 0.14 10.4 67.5 170.9 0028256 56 x 0.14 10.7 78.4 187 0028302 2 x 0.25 3.8 4.8 18 0028303 3 x 0.25 4 7.2 22 0028304 4 x 0.25 4.3 9.6 26.2 0028305 5 x 0.25 4.7 12 31 0028306 6 x 0.25 5.1 14.4 39 0028307 7 x 0.25 5.1 16.8 42 0028308 8 x 0.25 6.2 19.2 49.2 0028310 10 x 0.25 6.8 24 58 0028312 12 x 0.25 7 28.8 67 0028314 14 x 0.25 7.3 33.6 75.3 0028316 16 x 0.25 7.7 38.4 84.3 0028318 18 x 0.25 8.1 43.2 93 0028320 20 x 0.25 8.6 48 102 0028325 25 x 0.25 9.6 60 134 0028330 30 x 0.25 10.3 72 155 0028332 32 x 0.25 10.7 76.8 164 |