전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0028412. 데이터시트(PDF) 3 Page - Lapp.

부품명 0028412.
상세설명  UNITRONIC® LiYY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPP [Lapp.]
홈페이지  https://e.lapp.com/us/
Logo LAPP - Lapp.

0028412. 데이터시트(HTML) 3 Page - Lapp.

  0028412. Datasheet HTML 1Page - Lapp. 0028412. Datasheet HTML 2Page - Lapp. 0028412. Datasheet HTML 3Page - Lapp. 0028412. Datasheet HTML 4Page - Lapp. 0028412. Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index [kg/km]
Weight [kg/km]
UNITRONIC® LiYY
0028202
2 x 0.14
3.2
2.7
13.2
0028203
3 x 0.14
3.4
4.05
16
0028204
4 x 0.14
3.6
5.4
18.9
0028205
5 x 0.14
3.9
6.72
22.2
0028207
7 x 0.14
4.2
9.45
28.4
0028208
8 x 0.14
4.9
10.2
35.2
0028210
10 x 0.14
5.2
13.5
41.2
0028212
12 x 0.14
5.6
16.2
48.4
0028214
14 x 0.14
5.8
18.9
52.9
0028216
16 x 0.14
6.1
21.6
59.1
0028220
20 x 0.14
7
27
70.8
0028225
25 x 0.14
7.8
33.6
87.2
0028236
36 x 0.14
8.6
48.6
126.8
0028237
37 x 0.14
8.9
49.7
118
0028240
40 x 0.14
9.3
54
139.1
0028250
50 x 0.14
10.4
67.5
170.9
0028256
56 x 0.14
10.7
78.4
187
0028302
2 x 0.25
3.8
4.8
18
0028303
3 x 0.25
4
7.2
22
0028304
4 x 0.25
4.3
9.6
26.2
0028305
5 x 0.25
4.7
12
31
0028306
6 x 0.25
5.1
14.4
39
0028307
7 x 0.25
5.1
16.8
42
0028308
8 x 0.25
6.2
19.2
49.2
0028310
10 x 0.25
6.8
24
58
0028312
12 x 0.25
7
28.8
67
0028314
14 x 0.25
7.3
33.6
75.3
0028316
16 x 0.25
7.7
38.4
84.3
0028318
18 x 0.25
8.1
43.2
93
0028320
20 x 0.25
8.6
48
102
0028325
25 x 0.25
9.6
60
134
0028330
30 x 0.25
10.3
72
155
0028332
32 x 0.25
10.7
76.8
164



Html Pages

1 2 3 4 5