| 전자부품 데이터시트 검색엔진 |
|
0028503. 데이터시트(PDF) 4 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
0028503. 데이터시트(HTML) 4 Page - Lapp. |
|
4 / 5 page ![]() Article number Number of cores and mm² per conductor Outer diameter [mm] Copper index [kg/km] Weight [kg/km] 0028336 36 x 0.25 11.1 86.4 182.2 0028337 37 x 0.25 11.4 88.8 185 0028340 40 x 0.25 12 96.1 200 0028350 50 x 0.25 12.9 120 257.1 0028402 2 x 0.34 4.2 6.6 25 0028403 3 x 0.34 4.4 9.9 31 0028404 4 x 0.34 4.8 13.1 43.2 0028405 5 x 0.34 5.5 16.5 53.8 0028406 6 x 0.34 5.9 19.6 55 0028407 7 x 0.34 5.9 22.8 62 0028408 8 x 0.34 7.1 26.1 73.1 0028410 10 x 0.34 7.6 32.6 82 0028412 12 x 0.34 7.8 39.1 102 0028414 14 x 0.34 8.2 45.7 109 0028416 16 x 0.34 8.7 52 127 0028420 20 x 0.34 9.6 65.2 159.3 0028421 21 x 0.34 10.4 68.6 167 0028425 25 x 0.34 11.2 81.6 190 0028430 30 x 0.34 11.6 98 226 0028436 36 x 0.34 12.5 118 284 0028440 40 x 0.34 13.5 131 317 0028450 50 x 0.34 15 163 407 0028502 2 x 0.5 4.7 9.6 30 0028503 3 x 0.5 5 14.4 39 0028504 4 x 0.5 5.6 19.2 49 0028505 5 x 0.5 6.1 24 65 0028507 7 x 0.5 6.9 33.6 82 0028508 8 x 0.5 8 38.4 90 0028510 10 x 0.5 8.6 48 117 0028512 12 x 0.5 8.9 58 133 0028516 16 x 0.5 10.2 77 170 0028520 20 x 0.5 11.4 96 214 0028525 25 x 0.5 12.7 120 265 0028530 30 x 0.5 13.2 144 304 |