| 전자부품 데이터시트 검색엔진 |
|
36455 데이터시트(PDF) 3 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36455 데이터시트(HTML) 3 Page - Wiha Tools |
|
3 / 5 page ![]() 40 Wiha highlights. You can find more products in the Extended product range section: page 176 Wiha highlights. You can find more products in the Extended product range section: page 176 Screwdriver set SoftFinish® electric slimFix Increases your safety: Wiha slim blades ensure unlimited, protected access to deep-set screws. Protects your health: With the patented SoftFinish® handle design, ensuring work is kind to hands and muscles. Recommended by doctors and therapists at German Campaign for Healthier Backs. Increases your efficiency: The unique Wiha handle size concept with optimal balance between power and control. Offers you full protection: Each tool individually tested at 10,000 V AC and approved for 1,000 V AC. Slotted, Phillips 6-pcs. 3201 K6 Order-No. 35389 1 3,5 x 100 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150 PH1 x 80 / PH2 x 100 Manufactured acc. to IEC 60900:2012. Slotted, Phillips, PlusMinus/Pozidriv 6-pcs. 3201 K601 Order-No. 38362 1 3,5 x 100 / 4,0 x 100 / 5,5 x 125 PH1 x 80 / PH2 x 100 SL/PZ2 x 100 Manufactured acc. to IEC 60900:2012. Slotted, Pozidriv 6-pcs. 3201 ZK6 Order-No. 36455 1 3,5 x 100 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150 PZ1 x 80 / PZ2 x 100 Manufactured acc. to IEC 60900:2012. TORX® Tamper Resistant (with hole) 6-pcs. 3251 TR K6 Order-No. 41245 1 T10H x 100 / T15H x 100 / T20H x 100 / T25H x 125 /T30H x 125 / T40H x 150 Manufactured acc. to IEC 60900:2012. TORX® 6-pcs. 3251 K6 Order-No. 36558 1 T8 x 60• / T9 x 60• T10 x 100 / T15 x 100 / T20 x 100 / T25 x 125 • no slim version Manufactured acc. to IEC 60900:2012. |