전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3582263 데이터시트(PDF) 1 Page - Labfacility Ltd

부품명 3582263
상세설명  4 Core Silicone Rubber Insulated, Rounded Section, PRT Sensor Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LABFACILITY [Labfacility Ltd]
홈페이지  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582263 데이터시트(HTML) 1 Page - Labfacility Ltd

  3582263 Datasheet HTML 1Page - Labfacility Ltd 3582263 Datasheet HTML 2Page - Labfacility Ltd 3582263 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4 Core Silicone Rubber Insulated, Rounded
Section, PRT Sensor Cable / Wire
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


유사한 부품 번호 - 3582263

제조업체부품명데이터시트상세설명
logo
Alpha Wire
358226 ALPHAWIRE-358226 Datasheet
92Kb / 2P
Customer Specification
1/11/2023
logo
Labfacility Ltd
3582264 LABFACILITY-3582264 Datasheet
704Kb / 3P
4 or 6 Core PFA Insulated, Tin Plated Copper Screen, PRT Sensor Cable / Wire
Nov-23
More results

유사한 설명 - 3582263

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LR3003 ETC2-LR3003 Datasheet
108Kb / 2P
Liquid Silicone Rubber
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
P-MUSB-C111-XX AMPHENOL-P-MUSB-C111-XX Datasheet
213Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-D511-XX AMPHENOL-P-MUSB-D511-XX Datasheet
81Kb / 2P
GASKET - SILICONE RUBBER
logo
Pepperl+Fuchs Inc.
OQD8000-R300-2EP-V1-L PF-OQD8000-R300-2EP-V1-L Datasheet
1Mb / 7P
Diffuse mode sensor (PRT)
OMD8000-R300-IEP-V1-L PF-OMD8000-R300-IEP-V1-L Datasheet
1Mb / 7P
Distance sensor (PRT)
logo
Omega Engineering, Inc.
HTRG-1CU OMEGA-HTRG-1CU Datasheet
211Kb / 1P
Silicone Rubber Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com