전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3582281 데이터시트(PDF) 2 Page - Labfacility Ltd

부품명 3582281
상세설명  IEC Type J Glassfibre Insulated Flat Pair thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LABFACILITY [Labfacility Ltd]
홈페이지  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582281 데이터시트(HTML) 2 Page - Labfacility Ltd

  3582281 Datasheet HTML 1Page - Labfacility Ltd 3582281 Datasheet HTML 2Page - Labfacility Ltd 3582281 Datasheet HTML 3Page - Labfacility Ltd 3582281 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TC Cable - 25
Nov-23
Specifications
General Description
Good temperature range but will not prevent
ingress of fluids. Fairly flexible but does not
provide good mechanical protection.
Cable Length
10m, 25m, 50m, 100m
Cable Type
Flat pair cable
Core / Strands
1/0.2mm, 1/0.315mm, 7/0.2mm
Conductor Cross Section 1/0.2 (mm2)
0.032
Conductor Cross Section 1/0.315 (mm2) 0.078
Conductor Cross Section 7/0.2 (mm2)
0.219
Outer Colour
Black & White
+ Colour
Black
- Colour
White
Drain Wire
No
Insulation Material
Glassfibre insulated
Loop Resistance 1/0.2
(Ohms per combined metre)
19.3
Loop Resistance 1/0.315
(Ohms per combined metre)
7.8
Loop Resistance 7/0.2
(Ohms per combined metre)
2.7
Max. Temperature
+350°C (short periods up to 400°C)
Min. Temperature
-60°C
+ Conductor
Iron
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
J
Tolerance
Class 2



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com