전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIMN32PAS-Q 데이터시트(PDF) 10 Page - Nexperia B.V. All rights reserved

부품명 PIMN32PAS-Q
상세설명  50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMN32PAS-Q 데이터시트(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PIMN32PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMN32PAS-Q Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
PIMN32PAS-Q
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
Resistor calculation
• Calculation of bias resistor 1 (R1):
• Calculation of bias resistor ratio (R2/R1):
R1
R2
GND
I1; I2
n.c.
I3; I4
aaa-020082
Fig. 13. NPN transistor: Resistor test circuit
Resistor test conditions
Table 8. Resistor test conditions
Test conditions
PIMN32PAS-Q R1 (kΩ)
R2 (kΩ)
I1
I2
I3
I4
TR1/TR2 (NPN)
2.2
10
0.7 mA
0.8 mA
-0.45 mA
-0.55 mA
PIMN32PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 September 2023
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com