전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NPM1100-CAAA-R7 데이터시트(PDF) 54 Page - Nordic Semiconductor

부품명 NPM1100-CAAA-R7
상세설명  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 데이터시트(HTML) 54 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 58Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
Ordering information
Abbreviation
Definition and implemented codes
N11/nPM11
nPM11 series product
00
Part code
<PP>
Package variant code
<VV>
Function variant code
<H><P><F>
Build code
H - Hardware version code
P - Production configuration code (production site, etc.)
F - Firmware version code (only visible on shipping container label)
<YY><WW><LL>
Tracking code
YY - Year code
WW - Assembly week number
LL - Wafer lot code
<CC>
Container code
eX
2nd level Interconnect Symbol where value of X is based on J-STD-609
Table 26: Abbreviations
9.4 Code ranges and values
The following tables define the nPM1100 code ranges and values.
<PP>
Package
Size (mm)
Pin/Ball count
Pitch (mm)
CA
WLCSP
2.075x2.075
25
0.4
Table 27: Package variant codes
<VV>
Flash (kB)
RAM (kB)
AA
n/a
n/a
Table 28: Function variant codes
<H>
Description
[A . . Z]
Hardware version/revision identifier (incremental)
Table 29: Hardware version codes
4445_367 v1.0
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58