| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R7 데이터시트(PDF) 35 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 데이터시트(HTML) 35 Page - Nordic Semiconductor |
|
35 / 483 page ![]() Core components 4.5.1.6 NRFFW[5] Address offset: 0x028 Reserved for Nordic firmware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFFW Reserved for Nordic firmware design 4.5.1.7 NRFFW[6] Address offset: 0x02C Reserved for Nordic firmware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFFW Reserved for Nordic firmware design 4.5.1.8 NRFFW[7] Address offset: 0x030 Reserved for Nordic firmware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFFW Reserved for Nordic firmware design 4.5.1.9 NRFFW[8] Address offset: 0x034 Reserved for Nordic firmware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFFW Reserved for Nordic firmware design 4.5.1.10 NRFFW[9] Address offset: 0x038 Reserved for Nordic firmware design 4430_161 v1.0 35 |