| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 417 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 417 Page - Nordic Semiconductor |
|
417 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW LASTTX_STARTRX Shortcut between LASTTX event and STARTRX task See EVENTS_LASTTX and TASKS_STARTRX Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW LASTTX_SUSPEND Shortcut between LASTTX event and SUSPEND task See EVENTS_LASTTX and TASKS_SUSPEND Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW LASTTX_STOP Shortcut between LASTTX event and STOP task See EVENTS_LASTTX and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW LASTRX_STARTTX Shortcut between LASTRX event and STARTTX task See EVENTS_LASTRX and TASKS_STARTTX Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW LASTRX_STOP Shortcut between LASTRX event and STOP task See EVENTS_LASTRX and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.23.7.2 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id J I H G F D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STOPPED Enable or disable interrupt for STOPPED event See EVENTS_STOPPED Disabled 0 Disable Enabled 1 Enable D RW ERROR Enable or disable interrupt for ERROR event See EVENTS_ERROR Disabled 0 Disable Enabled 1 Enable F RW SUSPENDED Enable or disable interrupt for SUSPENDED event See EVENTS_SUSPENDED Disabled 0 Disable Enabled 1 Enable G RW RXSTARTED Enable or disable interrupt for RXSTARTED event See EVENTS_RXSTARTED Disabled 0 Disable Enabled 1 Enable 4430_161 v1.0 417 |