| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 419 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 419 Page - Nordic Semiconductor |
|
419 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id J I H G F D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description I RW LASTRX Write '1' to Enable interrupt for LASTRX event See EVENTS_LASTRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW LASTTX Write '1' to Enable interrupt for LASTTX event See EVENTS_LASTTX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.23.7.4 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id J I H G F D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STOPPED Write '1' to Disable interrupt for STOPPED event See EVENTS_STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ERROR Write '1' to Disable interrupt for ERROR event See EVENTS_ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW SUSPENDED Write '1' to Disable interrupt for SUSPENDED event See EVENTS_SUSPENDED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW RXSTARTED Write '1' to Disable interrupt for RXSTARTED event See EVENTS_RXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW TXSTARTED Write '1' to Disable interrupt for TXSTARTED event See EVENTS_TXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW LASTRX Write '1' to Disable interrupt for LASTRX event See EVENTS_LASTRX 4430_161 v1.0 419 |