| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 433 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 433 Page - Nordic Semiconductor |
|
433 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Enable E RW RXSTARTED Enable or disable interrupt for RXSTARTED event See EVENTS_RXSTARTED Disabled 0 Disable Enabled 1 Enable F RW TXSTARTED Enable or disable interrupt for TXSTARTED event See EVENTS_TXSTARTED Disabled 0 Disable Enabled 1 Enable G RW WRITE Enable or disable interrupt for WRITE event See EVENTS_WRITE Disabled 0 Disable Enabled 1 Enable H RW READ Enable or disable interrupt for READ event See EVENTS_READ Disabled 0 Disable Enabled 1 Enable 6.24.8.3 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STOPPED Write '1' to Enable interrupt for STOPPED event See EVENTS_STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ERROR Write '1' to Enable interrupt for ERROR event See EVENTS_ERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW RXSTARTED Write '1' to Enable interrupt for RXSTARTED event See EVENTS_RXSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW TXSTARTED Write '1' to Enable interrupt for TXSTARTED event See EVENTS_TXSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 433 |