| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 434 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 434 Page - Nordic Semiconductor |
|
434 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description G RW WRITE Write '1' to Enable interrupt for WRITE event See EVENTS_WRITE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW READ Write '1' to Enable interrupt for READ event See EVENTS_READ Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.24.8.4 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STOPPED Write '1' to Disable interrupt for STOPPED event See EVENTS_STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ERROR Write '1' to Disable interrupt for ERROR event See EVENTS_ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW RXSTARTED Write '1' to Disable interrupt for RXSTARTED event See EVENTS_RXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW TXSTARTED Write '1' to Disable interrupt for TXSTARTED event See EVENTS_TXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW WRITE Write '1' to Disable interrupt for WRITE event See EVENTS_WRITE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW READ Write '1' to Disable interrupt for READ event See EVENTS_READ 4430_161 v1.0 434 |