| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 448 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 448 Page - Nordic Semiconductor |
|
448 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW TXSTOPPED Write '1' to Enable interrupt for TXSTOPPED event See EVENTS_TXSTOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.25.9.4 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW CTS Write '1' to Disable interrupt for CTS event See EVENTS_CTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to Disable interrupt for NCTS event See EVENTS_NCTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW RXDRDY Write '1' to Disable interrupt for RXDRDY event See EVENTS_RXDRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ENDRX Write '1' to Disable interrupt for ENDRX event See EVENTS_ENDRX Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW TXDRDY Write '1' to Disable interrupt for TXDRDY event See EVENTS_TXDRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW ENDTX Write '1' to Disable interrupt for ENDTX event See EVENTS_ENDTX Clear 1 Disable Disabled 0 Read: Disabled 4430_161 v1.0 448 |