전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52810-QFAA-R 데이터시트(PDF) 449 Page - Nordic Semiconductor

부품명 NRF52810-QFAA-R
상세설명  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R 데이터시트(HTML) 449 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 445Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 446Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 447Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 448Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 449Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 450Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 451Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 452Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 453Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
L
J I
H
G F E
D
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Enabled
1
Read: Enabled
G
RW ERROR
Write '1' to Disable interrupt for ERROR event
See EVENTS_ERROR
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
H
RW RXTO
Write '1' to Disable interrupt for RXTO event
See EVENTS_RXTO
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
I
RW RXSTARTED
Write '1' to Disable interrupt for RXSTARTED event
See EVENTS_RXSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
J
RW TXSTARTED
Write '1' to Disable interrupt for TXSTARTED event
See EVENTS_TXSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
L
RW TXSTOPPED
Write '1' to Disable interrupt for TXSTOPPED event
See EVENTS_TXSTOPPED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.25.9.5 ERRORSRC
Address offset: 0x480
Error source
Note : this register is read / write one to clear.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW OVERRUN
Overrun error
A start bit is received while the previous data still lies in RXD.
(Previous data is lost.)
NotPresent
0
Read: error not present
Present
1
Read: error present
B
RW PARITY
Parity error
A character with bad parity is received, if HW parity check is
enabled.
NotPresent
0
Read: error not present
Present
1
Read: error present
4430_161 v1.0
449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More