| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 206 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 206 Page - Nordic Semiconductor |
|
206 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STARTED Enable or disable interrupt for STARTED event See EVENTS_STARTED Disabled 0 Disable Enabled 1 Enable B RW STOPPED Enable or disable interrupt for STOPPED event See EVENTS_STOPPED Disabled 0 Disable Enabled 1 Enable C RW END Enable or disable interrupt for END event See EVENTS_END Disabled 0 Disable Enabled 1 Enable 6.10.7.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STARTED Write '1' to Enable interrupt for STARTED event See EVENTS_STARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW STOPPED Write '1' to Enable interrupt for STOPPED event See EVENTS_STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW END Write '1' to Enable interrupt for END event See EVENTS_END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.10.7.3 INTENCLR Address offset: 0x308 Disable interrupt 4430_161 v1.0 206 |