| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 406 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 406 Page - Nordic Semiconductor |
|
406 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W EP Select endpoint number B W IO Selects IN or OUT endpoint Out 0 Selects OUT endpoint In 1 Selects IN endpoint C W STALL Stall selected endpoint UnStall 0 Don't stall selected endpoint Stall 1 Stall selected endpoint 6.26.13.48 ISOSPLIT Address offset: 0x51C Controls the split of ISO buffers Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW SPLIT Controls the split of ISO buffers OneDir 0x0000 Full buffer dedicated to either ISO IN or OUT HalfIN 0x0080 Lower half for IN, upper half for OUT 6.26.13.49 FRAMECNTR Address offset: 0x520 Returns the current value of the start of frame counter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R FRAMECNTR Returns the current value of the start of frame counter 6.26.13.50 LOWPOWER Address offset: 0x52C Controls USBD peripheral low power mode during USB suspend 4463_156 v1.0 406 |