| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 92 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 92 Page - Nordic Semiconductor |
|
92 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END Write '1' to disable interrupt for event END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW RESOLVED Write '1' to disable interrupt for event RESOLVED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW NOTRESOLVED Write '1' to disable interrupt for event NOTRESOLVED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.2.5.8 STATUS Address offset: 0x400 Resolution status Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R STATUS [0..15] The IRK that was used last time an address was resolved 6.2.5.9 ENABLE Address offset: 0x500 Enable AAR Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENABLE Enable or disable AAR Disabled 0 Disable Enabled 3 Enable 6.2.5.10 NIRK Address offset: 0x504 Number of IRKs Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A Reset 0x00000001 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 ID Access Field Value ID Value Description A RW NIRK [1..16] Number of Identity root keys available in the IRK data structure 4463_156 v1.0 92 |