| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 270 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 270 Page - Nordic Semiconductor |
|
270 / 437 page ![]() Peripherals 6.17.5.7 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDRX Write '1' to enable interrupt for event ENDRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ACQUIRED Write '1' to enable interrupt for event ACQUIRED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.17.5.8 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END Write '1' to disable interrupt for event END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDRX Write '1' to disable interrupt for event ENDRX Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ACQUIRED Write '1' to disable interrupt for event ACQUIRED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.17.5.9 SEMSTAT Address offset: 0x400 Semaphore status register 4463_156 v1.0 270 |