| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 284 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 284 Page - Nordic Semiconductor |
|
284 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x000004BD 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 1 1 1 1 0 1 ID Access Field Value ID Value Description A RW A4 Slope of fifth piecewise linear function 6.19.1.12 A5 Address offset: 0x534 Slope of sixth piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x000005A3 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 0 0 1 1 ID Access Field Value ID Value Description A RW A5 Slope of sixth piecewise linear function 6.19.1.13 B0 Address offset: 0x540 y-intercept of first piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A Reset 0x00003FEF 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 1 1 1 1 ID Access Field Value ID Value Description A RW B0 y-intercept of first piecewise linear function 6.19.1.14 B1 Address offset: 0x544 y-intercept of second piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A Reset 0x00003FBE 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 1 1 1 1 1 0 ID Access Field Value ID Value Description A RW B1 y-intercept of second piecewise linear function 6.19.1.15 B2 Address offset: 0x548 y-intercept of third piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A Reset 0x00003FBE 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 1 1 1 1 1 0 ID Access Field Value ID Value Description A RW B2 y-intercept of third piecewise linear function 4463_156 v1.0 284 |