| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 303 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 303 Page - Nordic Semiconductor |
|
303 / 437 page ![]() Peripherals 6.21.5.3 TASKS_COUNT Address offset: 0x008 Increment Timer (Counter mode only) Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_COUNT Increment Timer (Counter mode only) Trigger 1 Trigger task 6.21.5.4 TASKS_CLEAR Address offset: 0x00C Clear time Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CLEAR Clear time Trigger 1 Trigger task 6.21.5.5 TASKS_SHUTDOWN ( Deprecated ) Address offset: 0x010 Shut down timer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_SHUTDOWN Shut down timer Deprecated Trigger 1 Trigger task 6.21.5.6 TASKS_CAPTURE[n] (n=0..5) Address offset: 0x040 + (n × 0x4) Capture Timer value to CC[n] register Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CAPTURE Capture Timer value to CC[n] register Trigger 1 Trigger task 6.21.5.7 EVENTS_COMPARE[n] (n=0..5) Address offset: 0x140 + (n × 0x4) 4463_156 v1.0 303 |