| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 316 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 316 Page - Nordic Semiconductor |
|
316 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description D RW LASTRX_STARTTX Shortcut between event LASTRX and task STARTTX Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW LASTRX_SUSPEND Shortcut between event LASTRX and task SUSPEND Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW LASTRX_STOP Shortcut between event LASTRX and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.22.7.14 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID J I H G F D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STOPPED Enable or disable interrupt for event STOPPED Disabled 0 Disable Enabled 1 Enable D RW ERROR Enable or disable interrupt for event ERROR Disabled 0 Disable Enabled 1 Enable F RW SUSPENDED Enable or disable interrupt for event SUSPENDED Disabled 0 Disable Enabled 1 Enable G RW RXSTARTED Enable or disable interrupt for event RXSTARTED Disabled 0 Disable Enabled 1 Enable H RW TXSTARTED Enable or disable interrupt for event TXSTARTED Disabled 0 Disable Enabled 1 Enable I RW LASTRX Enable or disable interrupt for event LASTRX Disabled 0 Disable Enabled 1 Enable J RW LASTTX Enable or disable interrupt for event LASTTX Disabled 0 Disable Enabled 1 Enable 6.22.7.15 INTENSET Address offset: 0x304 Enable interrupt 4463_156 v1.0 316 |