전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

433211FX 데이터시트(PDF) 5 Page - Lapp.

부품명 433211FX
상세설명  20A Pin & Sleeve Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPP [Lapp.]
홈페이지  https://e.lapp.com/us/
Logo LAPP - Lapp.

433211FX 데이터시트(HTML) 5 Page - Lapp.

  433211FX Datasheet HTML 1Page - Lapp. 433211FX Datasheet HTML 2Page - Lapp. 433211FX Datasheet HTML 3Page - Lapp. 433211FX Datasheet HTML 4Page - Lapp. 433211FX Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
461
EPIC®
Pin & Sleeve Connectors
Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors.
Dimensional drawings can be found on the indicated pages and are the same for North American and international standards.
Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing.
IP44
IP67
International Standard
32A Pin & Sleeve Connectors
Male Plugs & Inlets
Dimensional Data
Plugs: page 467
Inletss: page 467
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
IP67
32A
Male Plugs
Male Inlets
110 - 130
3
2+PE
4
477206
700224
710224
476206
200 - 250
3
2+PE
6
477306
700226
710226
476306
200 - 250
4
3+PE
9
477316
700239
—
476316
200 - 250
5
3+N+PE
9
477326
700249
—
476326
380 - 415
4
3+PE
6
477416
700236
710236
476416
380 - 415
5
3+N+PE
6
477426
700246
710246
476426
Female Connectors
& Receptacles
Dimensional Data
Connectors: page 468
Receptacles: page 469
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
IP67
IP44
IP44
32A
Female Connectors
Female Receptacles
110 - 130
3
2+PE
4
473206
720224
730224
471267
433211
471266
200 - 250
3
2+PE
6
473306
720226
730226
471367
433222
471366
200 - 250
4
3+PE
9
473316
720239
—
471377
443222
471376
200 - 250
5
3+N+PE
9
473326
720249
—
471387
453222
471386
380 - 415
4
3+PE
6
473416
720236
730236
471477
443238
471476
380 - 415
5
3+N+PE
6
473426
720246
730246
471487
453238
471486
Switched-Socket Outlets
Dimensional Data
page 470
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
With Fuse Holder
IP66/67
Direct Connect
IP67
32A
EPIC® ULYSSE
EPIC® ALUPRES
110 - 130
3
2+PE
4
400224
460224
200 - 250
3
2+PE
6
400226
460226
200 - 250
4
3+PE
9
400239
460239
200 - 250
5
3+N+PE
9
400249
460249
380 - 415
4
3+PE
6
400236
460236
380 - 415
5
3+N+PE
6
400246
460246



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com