| 전자부품 데이터시트 검색엔진 |
|
32521 데이터시트(PDF) 6 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
32521 데이터시트(HTML) 6 Page - Wiha Tools |
|
6 / 44 page ![]() Inch Insulated Ratchet Wrenches, With Insulated Handle Insulation According to EN/IEC 60900, ISO 3110 Specification, Up To 1000 Volt. Individually Tested. Blade chrome-vanadium steel, hardened. Item OAL OAL No. Inch mm Inch lbs. pkg. 3/8 140 5.5 .14 1 7/16 143 5.6 .15 1 1/2 154 6.1 .18 1 9/16 162 6.4 .22 1 5/8 177 7.0 .30 1 3/4 209 8.2 .46 1 Wiha Insulated Ratchet Wrenches 1000Volt 6 Piece Inch Insulated Ratchet Wrenches Set Item OAL OAL No. Inch Inch Inch Inch lbs. 3/8 5.5 9/16 6.4 1.95 7/16 5.6 5/8 7.0 1/2 6.1 3/4 8.2 1000Volt Steel Forged from chrome vanadium, meets - DIN 3110 Insulation Test Standards: Insulation according to ASTM F-1505-01, EN/IEC 60900, ISO 3110 and CSA Specification Each tool individually tested to 10,000 volts and certified to 1000 Volt ac or 1500 Volt dc 1000V Metric Insulated Ratchet Wrenches, With Insulated Handle Insulation According to EN/IEC 60900, ISO 3110 Specification, Up To 1000 Volt. Individually Tested. Blade chrome-vanadium steel, hardened. Item OAL OAL No. mm mm Inch lbs. pkg. 8.0 125 4.9 .08 1 10.0 140 5.5 .12 1 12.0 150 5.9 .18 1 13.0 152 6.0 .18 1 14.0 163 6.4 .22 1 17.0 193 7.6 .38 1 19.0 210 8.3 .45 1 1000Volt 7 Piece Metric Insulated Ratchet Wrenches Set Item OAL OAL No. mm mm mm mm lbs. 8.0 4.9 14.0 6.4 2.10 10.0 5.5 17.0 7.6 12.0 5.9 19.0 8.3 13.0 6.0 1000Volt 6 213 21391 21325 21327 21329 21331 21333 21335 212 21208 21210 21212 21213 21214 21217 21219 21391 21290 21290 SHOP SHOP SHOP SHOP Toll Free: (800) 494-6104 |