전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAPT/MCXF/SMAM 데이터시트(PDF) 69 Page - Siretta Limited.

부품명 ADAPT/MCXF/SMAM
상세설명  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRETTA [Siretta Limited.]
홈페이지  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/MCXF/SMAM 데이터시트(HTML) 69 Page - Siretta Limited.

Back Button ADAPT/MCXF/SMAM Datasheet HTML 65Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 66Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 67Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 68Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 69Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 70Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 71Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 72Page - Siretta Limited. ADAPT/MCXF/SMAM Datasheet HTML 73Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
69
We have a range of high quality connector and adaptor products
suitable for the production of new cable assemblies, the
re-termination of existing cables, or for providing compatibility to
existing cables or equipment.
About RF Connectors and Adaptors
Connector products are offered in
the popular SMA, FME and MMCX
styles for RG58 and RG174 cable
types. All connectors are designed
for crimp termination ensuring
a reliable and high performance
connection for a variety of wireless
applications.
Adaptors are suitable for extending
or joining cable runs or equipment
terminated with alternative
connector types, avoiding the
need to re-terminate or change
the existing installation. Adaptors
may be used either as a temporary
solution to provide compatibility,
or for permanent installation into a
working system.
RF Connectors
RF Adaptors
For more information contact:
+44 (0)118 976 9014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76