| 전자부품 데이터시트 검색엔진 |
|
FRDM-HB2002ESEVM 데이터시트(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM-HB2002ESEVM 데이터시트(HTML) 13 Page - NXP Semiconductors |
|
13 / 27 page ![]() NXP Semiconductors UM11144 FRDM-HB2002ESEVM evaluation board UM11144 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 1.0 — 13 September 2018 13 / 27 Table 7. Screw terminal connections Screw terminal name Description J20 power supply connector for the MC33HB2002 J21 output connector to connect load 4 FRDM-HB2002ESEVM to FRDM-KL25Z connection information The FRDM-KL25Z evaluation board was chosen specifically to work with the FRDM- HB2002ESEVM kit because of its low cost and features. The FRDM-KL25Z board uses the USB, built-in LEDs, and I/O ports available with NXPs Kinetis KL2x family of microcontrollers. The FRDM-KL25Z connects to a PC through a USB port, which permits the user to interact with the motor driver per the evaluation board inputs. The FRDM-KL25Z also monitors the SPI registers, by that facilitating the use of safety and advanced diagnostic functions. The FRDM-HB2002ESEVM connects to the FRDM-KL25Z using the four dual row Arduino R3 connectors on the bottom of the board (see Table 8 and Figure 10). The board contains GPIO and SPI pin inputs to control and operate a brushed DC motor. Figure 10. FRDM-KL25Z to FRDM-HB2002ESEVM connections Table 8. FRDM-HB2002ESEVM to FRDM-KL25Z connections FRDM-KL25Z FRDM-HB2002ESEVM MC33HB2002ES Header Pin Name Header Pin Name Pin Name Description J1 1 PTC7 J24 1 n.c. — n.c. not connected J1 2 PTA1 J24 2 n.c. — n.c. not connected J1 3 PTC0 J24 3 n.c. — n.c. not connected J1 4 PTA2 J24 4 n.c. — n.c. not connected J1 5 PTC3 J24 5 n.c. — n.c. not connected J1 6 PTD4 J24 6 n.c. — n.c. not connected J1 7 PTC4 J24 7 n.c. — n.c. not connected J1 8 PTA12 J24 8 n.c. — n.c. not connected J1 9 PTC5 J24 9 n.c. — n.c. not connected |