| 전자부품 데이터시트 검색엔진 |
|
AFP02123C 데이터시트(PDF) 6 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AFP02123C 데이터시트(HTML) 6 Page - Panasonic Semiconductor |
|
6 / 20 page ![]() Pressure sensor Laser analog sensor Inverter Potentiometer ■ Control FPWIN Pro (IEC61131-3 compliant Windows version software) ■ Control FPWIN GR (Windows version software) Features ● Programming in the language most suited to the process Easy-to-understand, efficient programs can be created, for example, by using a ladder program for machine control or ST for communications control. ● Programming in the language you are good at Programming time can be greatly reduced by the easy ability to split and then integrate programming for each function and process. 1. Five programming languages can be used. Programming can be done using the language most familiar to the developer or using the language most suited to the process to be performed. High-level (structured text) languages that allow structuring, such as C, are supported. 2. Easy to reuse well-proven programs Efficiency when writing programs has been greatly increased by being able to split programming up for each function and process using structured programming. 3. Keep know-how from getting out By "black boxing" a part of a program, you can prevent know-how from leaking out and improve the program's maintainability. 4. Uploading of source programs from PLC possible. Maintainability increased by being able to load programs and comments from the PLC. 5. Programming for all models in the FP series possible. Main program (SFC) Designer A (SFC) Positioning program (ST) Completed program Completed program Designer B (ST) Communications program (ST) Designer C (ST) Malfunction handling program (ladder) Designer D (ladder) Compliant with international standard IEC61131-3 Programming software approved by PLC Open Operational Environment OS Hard disk capacity CPU Onboard memory Screen resolution Display colors Applicable PLC Windows 2000/XP/Vista/7 (Note) At least 120 MB Pentium III processor (700 MHz) or compatible At least 256 MB RAM or more At least 1,024 x 768 High Color (16-bit) or higher FP0R/FP0/FPΣ/FP-X/FP-e/FP2/FP2SH Features Operational Environment OS Hard disk capacity CPU Onboard memory Screen resolution Display colors Applicable PLC Windows 98/Me/2000/XP/Vista/7 (Note) At least 40 MB Pentium 100 MHz or higher At least 64 MB (depends on OS) At least 1,024 x 768 High Color (16-bit) or higher FP0R/FP0/FPΣ/FP-X/FP-e/FP2/FP2SH 1. Easy field operations not requiring the use of a mouse for data entry, search, writing, monitoring and timer changes, all carried out only from the keyboard. 2. All FP series PLCs are supported. 3. Easy programming with wizard functions. 4. Communication with GTWIN and PCWAY simultaneously through the same port. 5. A simulation function is available. Program status display Program display Search window Allows you to search various data Tool bar Access often-used functions using icons. Data monitoring window Relay monitoring window Function bar Buttons for instruction input and confirmation, on-line/off-line selection and PLC mode selection. The ladder programming software for FP series Highly operational software tool for maximizing convenience in the field * FP0R is compatible with Ver. 2.8 or later. * FP0R is compatible with Ver. 6.1 or later. OTHER USEFUL FUNCTIONS PROGRAMMING SOFTWARE The lineup includes a compact analog I/O unit with one analog output and two analog input channels, an A/D converter unit with eight analog input channels, and a D/A converter unit with four analog output channels. Communication using up to 24 channels is possible. Both the compact body size and the high input/output resolution of 1/4,000 (12 bits) have been achieved. The DIP switches in the unit cover a variety of input/output ranges and are user-friendly. User programs can be protected from unauthorized copying by disabling program upload using our software, FPWIN. This function is useful for users who manage original programs on a PC. All FP0R series models are equipped with EEPROM, which can electrically rewrite data and retain data without the need for voltage supply. Setting data and production result data can be written and saved by the P13 instruction, and read out by the F12 instruction when necessary. ● A temperature control program can be written in only one line by using a PID instruction (F356 EZPID), facilitating temperature control programming by a PLC, which had previously been considered difficult. ● The total accuracy is ±0.8°C ±33.44°F (K, J and T range). Two types are available: 4-channel and 8-channel types. Up to three units can be connected, allowing high-accuracy multi-point PID control of a maximum of 24 channels. This function can take in 10 μs short pulse inputs and is therefore ideal for taking in signals from a sensor to detect small components. The clock allows for year, month, day, hour, minute, and second data processing. The clock data can be linked to periodic monitoring of production data and operation status, and the management of error history records. Even while the equipment is operating with FP0R in RUN mode, a whole program edited offline can be downloaded to FP0R, and comments can be written simultaneously. Programs can be changed without stopping a running production line. This function takes in input signals at high speed regardless of the scan time and instantly executes the interrupt program. This is useful for high-accuracy positioning control or control of defective item ejector valves. The X0 to X7 inputs can be designated as interrupt inputs (C10: X0 to X5). ● Eight-character password FP Memory Loader PC Upload (Read) Since uppercase and lowercase alphanumeric characters can be used, there are approx. 218 trillion possible password combinations. If an incorrect password is entered three times in a row, a cold reboot is required. This function is useful for users who upload programs from FP0R. ● Program upload protection setting 2,048 words / block (Writable in 16 blocks max.) P13 (Write) Download in RUN mode The X0 to X7 inputs can be designated as pulse catch inputs. F12 (Read) EEPROM Control FPWIN Pro or Control FPWIN GR Note: Each block is limited to 10,000 write operations. 10 μs Upload (Read) Programs and comments can be simultaneously written. AFP0420 (FP0-TC4) AFP0421 (FP0-TC8) AFP0401 (FP0-A80) AFP0480 (FP0-A21) AFP04123 (FP0-A04I) AFP04121 (FP0-A04V) Analog I/O unit Input: 2ch / Output: 1ch A/D converter unit Input: 8ch D/A converter unit Voltage output: 4ch D/A converter unit Current output: 4ch Thermocouple unit 4ch 8ch LD ST FBD SFC IL Ladder Diagram Structured Text Function Block Diagram Sequential Function Chart Instruction List ■ Analog I/O ■ EEPROM data saving (F12 and P13 instructions) ■ Temperature controller ■ Program protection ■ Pulse catch ■ Built-in real-time clock (T type only) ■ Program download in RUN mode (Comment writable) ■ Interrupt input Note: Only Ver. 6.2 or later is compatible with Windows 7. (To be released in September 2011) Note: Only Ver. 2.90 or later is compatible with Windows 7. 6 7 |