전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

76813 데이터시트(PDF) 3 Page - Wiha Tools

부품명 76813
상세설명  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIHA [Wiha Tools]
홈페이지  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76813 데이터시트(HTML) 3 Page - Wiha Tools

  76813 Datasheet HTML 1Page - Wiha Tools 76813 Datasheet HTML 2Page - Wiha Tools 76813 Datasheet HTML 3Page - Wiha Tools 76813 Datasheet HTML 4Page - Wiha Tools 76813 Datasheet HTML 5Page - Wiha Tools 76813 Datasheet HTML 6Page - Wiha Tools 76813 Datasheet HTML 7Page - Wiha Tools 76813 Datasheet HTML 8Page - Wiha Tools 76813 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
DESCRIPTION
Page
Micro Bits
34-39
ESD Safe Micro Bit Sets 36-39
ESD Safe Micro Bit Handles/Bits & Sets
DESCRIPTION
Page
ESD Safe Bit Holders
39
SoftFinish Pistol Ratchet 40
Adapters For Pistol Ratchet 40
SoftFinish®
40
MicroFinish
40
3K Ergo Bit Holder
40
T-handle
40
SoftGrip Stubby Bit Holder
40
Flexible Shaft Bit Holder
40
Drive-Loc VI Bit Holder
40
Proturn Precision
40
Multi-Bit Holders
41
Non-Slip Grip
Cushion Grip
DESCRIPTION
Page
Micro Bit Power Tool Adapte
36
ClicFix Quick Release
39
CentroFix Quick Release
39
Proturn Quick Release
41
Stainless Steel Bit Holder
41
Magnetic Bit Holders &
41
Retaining Ring Bit Holder
Auto Lock Insert Bit Holder 41
“SlimFix” Impact Bit Holder 41
Quick Release
Insert Bits
All 1/4” Drive Tools
Bit Holders
DESCRIPTION
Page
Torx® 1/4” Drive
43
Torx® 3/8” Drive
43
Torx® 3/8” - 5/16” Bits
43
Security Torx® 3/8”
43
Slotted Bit Sockets 1/2” Drive 43
Phillips Bit Socket 1/2” Drive 43
Hex Bit Sockets 1/4” Drive
44
Hex Bit Sockets 3/8” Drive
44
Ball End Hex Sockets
44
Socket Adapters
45
Impact Bit Holding Sockets
45
6” Bit Sockets 1/4” & 3/8” Drive
45
Socket Sets
46-47
Bit Sockets
Bit Holders
DESCRIPTION
Page
TorqueControl Bit Sets
33
TorqueControl Insert & Micro Bit Sets
DESCRIPTION
Page
1/4” Quick Release
39
ESD 1/4” Quick Release Bit Holder Blade Set
1/4” Drive
DESCRIPTION
Page
Insert Bits
7, 16, 17, 23, 24
Power Bits
7, 16, 17, 23, 24
Stainless Steel Insert & Power Bits
Slotted/Phillips/ Torx® /Hex/Pozidriv®
Phillips/Torx®/Pozidriv®
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com