| 전자부품 데이터시트 검색엔진 |
|
76810 데이터시트(PDF) 39 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
76810 데이터시트(HTML) 39 Page - Wiha Tools |
|
39 / 60 page ![]() 39 74983 Power Bit Belt Pack With Slotted, Phillips & Bits Includes the following 10 bits: Slotted: 4.5, 5.5, 6.5mm Phillips: #1, 2, 3 lbs. : T10, T15, T20, T25 .30 74988 Power Bit Belt Pack With Slotted, Phillips & Square Bits Includes the following 10 bits: Slot: 3.0, 4.5, 5.5, 6.5mm Phillips: #1, 2, 3 lbs. Square: #1, 2, 3 .30 Wiha Power Bit Belt Packs 24 Pc. TorqueVario-S Micro-Bit Set Certified to EN ISO 6798, BS EN 26789, ASME B107.14M. Set includes ergonomic multi-component adjustable TorqueVario-S handle, 21 Micro Bits, Micro Bit holder & Torque adjustment tool. Packed in a compact durable storage box. Item No. Slotted: 1.5, 2.0, 3.0, 4.0mm 28590 Phillips: #00, #0, #1 : T6, T7, T8, T9, T10, T15 Hex Inch: .050, 1/16, 5/64, 3/32, lbs. 7/64, 1/8, 9/64, 5/32 1.35 28504 - Handle Range 7.5-20 In/lbs. 28590 53 Pc. Set 53 Pc. TorqueVario-S Bit Set, In Storage Box Certified to EN ISO 6798, BS EN 26789, ASME B107.14M. Set includes ergonomic multi-component adjustable TorqueVario-S handle, 50 Insert bits, 1/4” Bit holder and Torque adjustment tool. Item No. 28595 Slotted: 4.5, 5.5, 6.5, 8.0mm lbs. Phillips: #0, #1, #2, #3 2.85 : T6, T7, T8, T9, T10, T15, T20, T25, T27, T30 Hex Inch: 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16” Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm Pozidriv: #0, #1, #2, #3 Torq Set: #4, #5, #6, #8 Square: #1, #2, #3 Triwing: #0, #1, #2, #3, #4 28506-Handle Range 10 - 50 In/lbs. 28581 - 1/4” Bit Holder 28595 Wiha Adjustable TorqueControl Tool Sets In Durable Storage Box With Certificate of Calibration With Certificate of Calibration 24 Pc. TorqueVario-S Micro-Bit Set Certified to EN ISO 6798, BS EN 26789, ASME B107.14M. Set includes ergonomic multi-component adjustable TorqueVario-S handle, 21 Micro Bits, Micro Bit holder and Torque adjustment tool. Packed in a compact durable storage box. Item No. Slotted: 1.5, 2.0, 3.0, 4.0mm 28593 Phillips: #00, #0, #1 : T6, T7, T8, T9, T10, T15 lbs. Hex Inch: .050, 1/16, 5/64, 3/32, 1.35 7/64, 1/8, 9/64, 5/32 28501 - TorqueVario-S handle Range 15 - 80 Inch/oz (+/- 10%) 28593 With Certificate of Calibration 59 Pc. Set 59 Piece TorqueVario-S Bit Set, In Storage Box Certified to EN ISO 6798, BS EN 26789, ASME B107.14M. Set includes 3 ergonomic multi-component adjustable TorqueVario-S handles, 39 Insert bits, 15 Sockets, 1/4” Bit holder, 1/4” Hex to 1/4” Square adapter and Torque adjustment tool. Item No. Slotted: 4.5, 5.5, 6.5mm 28589 Phillips: #0, 1, 2 : T5, T6, T7, T8, T9, T10, lbs. T15, T20, T25, T30 2.73 Hex Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4” Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm Pozidriv: #1, 2 & Square: #1, 2, 3 Inch Sockets: 5/32, 3/16, 7/32, 1/4, 9/32, 5/16, 3/8” Metric Sockets: 4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0mm 3 Handles: 15-80 Inch/oz., 5-10 & 10-50 In/lbs. 28589 With Certificate of Calibration 10 Pack Slotted, Phillips & Square Insert Bit Pack CVM S2 modified tool steel. Slotted: 4.5, 5.5, 6.0mm lbs. Phillips: #1, 2, 3 .16 Square: #1, 2, 3 72593 Wiha Insert Bit Blister Pack www.wihatools.com |