전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

52713 데이터시트(PDF) 13 Page - Wiha Tools

부품명 52713
상세설명  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIHA [Wiha Tools]
홈페이지  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52713 데이터시트(HTML) 13 Page - Wiha Tools

Back Button 52713 Datasheet HTML 9Page - Wiha Tools 52713 Datasheet HTML 10Page - Wiha Tools 52713 Datasheet HTML 11Page - Wiha Tools 52713 Datasheet HTML 12Page - Wiha Tools 52713 Datasheet HTML 13Page - Wiha Tools 52713 Datasheet HTML 14Page - Wiha Tools 52713 Datasheet HTML 15Page - Wiha Tools 52713 Datasheet HTML 16Page - Wiha Tools 52713 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
Wiha “Rust Free” Finish
L-keys
Long Arm Set, 13 Pc.
In ErgoStar Molded Holder Equipped with
T5, T6, T7, T8, T9, T10, T15, T20, T25, T27,
T30, T40, T45
Item No.
lbs.
pkg.
1.10
1
Pacified Zinc
Chromate Finish
96 hour salt bath tested for best
corrosion protection
CVM tool steel through
hardened and tempered for
maximum tool life
Wiha
T-handle
with Wiha T-handles
Item
No.
Size
mm
Inch
mm
Inch
mm Inch
lbs
pkg.
T9
100
3.9
4.0
5/32
80
3.1
.07
10
T10
100
3.9
4.0
5/32
80
3.1
.07
10
T15
100
3.9
4.0
5/32
80
3.1
.07
10
T15
200
7.9
5.5
7/32
80
3.1
.13
10
T20
100
3.9
4.0
5/32
100 3.9
.10
10
T20
200
7.9
5.5
7/32
100 3.9
.17
10
T25
100
3.9
4.0
5/32
100 3.9
.11
10
T25
200
7.9
5.5
7/32
100 3.9
.17
10
T27
100
3.9
5.5
7/32
100 3.9
.14
10
T27
200
7.9
5.5
7/32
100 3.9
.17
10
T30
100
3.9
7.9
6.0
100 3.9
.14
10
T30
200
7.9
6.0
1/4
100 3.9
.19
10
T40
100
3.9
7.0
9/32
100 3.9
.16
10
T40
200
7.9
7.0
9/32
100 3.9
.23
10
T45
150
5.9
8.0
5/16
120 4.7
.29
10
T50
150
5.9
9.0
3/8
120 4.7
.30
10
T50
250
9.8
9.0
3/8
120 4.7
.45
10
T-handle Set, 7 Pc.
In Metal Stand Equiped with T10, T15, T20,
T25, T30, T40, T50
Item No.
lbs.
pkg.
2.65
1
T-handle Set, 7 Pc.
Includes T9, T10, T15, T20, T25, T27, T30
Item No.
lbs.
pkg.
1.24
1
Blade high alloy CVM steel,
hardened, hard chrome finish.
Wiha T-handle high quality plastic,
impact resistant
Torx - Blades of
CVM tool steel,
through hardened
durability, hard
chrome finish
Short and Long
Arm In One
Powerful Tool
Two
component
soft grip
handle
Maximum Comfort
& Maximum Power
Two Tools In One!
Through the handle
side driver
7 Piece
Set Soft Grip
T-handles
Item
No.
T10, T15, T20, T25,
lbs.
T27, T30, T40
1.53
Soft Grip
T-handle
Item
No.
Size mm
lbs.
pkg.
T10
100
.08
10
T15
100
.08
10
T20
100
.13
10
T25
150
.16
10
T27
150
.19
10
T30
150
.20
10
T40
150
.24
10
Soft grips are molded on & include
through the handle side torque drive
T-handle Set, 8 Pc. In
Metal Stand Equipped with T9, T10, T15,
T20, T25, T27, T30, T40
Item No.
lbs.
pkg.
3.10
1
Wiha
Soft Grip
T-handles & Set
www.wihatools.com
36693
36693
364
36409
36410
36415
36417
36420
36422
36425
36427
36430
36432
36435
36437
36440
36442
36445
36450
36452
36492
36490
36492
36490
364
36480
36481
36482
36483
36484
36486
36487
36497
36497
36494
36494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40