전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

72001 데이터시트(PDF) 1 Page - Wiha Tools

부품명 72001
상세설명  Square 1/4” Insert Bits - 3 Bit Pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIHA [Wiha Tools]
홈페이지  https://www.wihatools.com/
Logo WIHA - Wiha Tools

72001 데이터시트(HTML) 1 Page - Wiha Tools

  72001 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
Security Hex Inch 1/4” Insert Bits - 10 Pack
Item No. Description
Case Pack
71939
2.0 x 25mm
3
71941
2.5 x 25mm
3
71942
3.0 x 25mm
3
71943
4.0 x 25mm
3
71944
5.0 x 25mm
3
71945
6.0 x 25mm
3
71946
8.0 x 25mm
3
Tri-Wing 1/4” Insert Bits - 6 Bit Pack
Item No. Description
Case Pack
71954
Tri-Wing Bit Pack
3
Tri-Wing: 0, 1, 2, 3, 4, 5 x 25mm
Spanner 1/4” Insert Bits - 2 Bit Pack
Item No. Description
Case Pack
71963
4 x 25mm
3
71964
6 x 25mm
3
71965
8 x 25mm
3
71966
10 x 25mm
3
2 Bit
Pack
Security Hex Inch 1/4” Insert Bits
Item No. Description
Case Pack
71970
5/64 x 25mm
3
71971
3/32 x 25mm
3
71972
7/64 x 25mm
3
71973
1/8 x 25mm
3
71974
9/64 x 25mm
3
71975
5/32 x 25mm
3
71976
3/16 x 25mm
3
71977
7/32 x 25mm
3
71978
1/4 x 25mm
3
Security Hex Inch 1/4” Insert Bits
Item No. Description
Case Pack
71979
2.0 x 25mm
3
71980
2.5 x 25mm
3
71981
3.0 x 25mm
3
71982
4.0 x 25mm
3
71983
5.0 x 25mm
3
71984
6.0 x 25mm
3
71985
8.0 x 25mm
3
2 Bit
Pack
39 Pc. Security Bits Collector Set
Item No. Description
Case Pack
71990
Bits Collector Set
3
Security TORX: T8s-T40s
Security Hex: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4 & Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10 & Pozidriv: 0, 1, 2, 3
Slotted: 6.5, 8.0mm & Phillips: 1, 2 & Square: 1, 2, 3
1/4” Handle, 1/4” Magnetic Bit Holder,
1/4” Bit Holding Socket Adapter
39 Pc. Security Bits Collector Set
Item No. Description
Case Pack
71991
Bits Collector Set
3
Security TORX: T8s-T40s
Security Hex: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4 & Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10 & Pozidriv: 0, 1, 2, 3
Slotted: 6.5, 8.0mm & Phillips: 1, 2 & Square: 1, 2, 3
1/4” Handle, 1/4” SlimFix Locking Bit Holder,
1/4” Bit Holding Socket Adapter
38 Piece Bits Collector Set
Item No. Description
Case Pack
71994
Bits Collector Set
3
TORX: T7, T8, T9, T10, T15, T20, T25, T27, T30, T40
Slotted: 4.5, 5.5, 6.0mm & Phillips: 0, 1, 2, 3
Square: 1, 2, 3 & Pozidriv: 1, 2, 3
Hex Inch: 1/16, 5/64, 3/32, 1/8, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 2.5, 3.0, 4.0, 5.0, 6.0mm
1/4” Handle & 1/4” Bit Holder
6 Pc. Security Hex 1/4” Insert Bits PokitPak
Item No. Description
Case Pack
71995
6 Pc. PokitPak
3
Security Hex: 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm x 25mm
9 Pc. 1/4” & 3/8” Sq. Dr. Hex Bit Socket Set
Item No. Description
Case Pack
71996
Hex Metric Socket Set
3
1/4” Metric: 1.5, 2.0, 2.5, 3.0, 4.0mm
3/8” Metric: 5.0, 6.0, 8.0, 10.0mm
7 Pc. 3/8” Sq. Dr. Security Hex Bit Socket Set
Item No. Description
Case Pack
71989
3/8” Sq. Dr. Socket Set
3
Hex Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
6 Pc. Security Hex In. 1/4” Insert Bits PokitPak
Item No. Description
Case Pack
71998
6 Pc. PokitPak
3
Security: 3/32, 7/64, 1/8, 9/64, 5/32, 3/16” x 25mm
9 Pc. 3/8” Sq. Dr. Security Hex Bit Socket Set
Item No. Description
Case Pack
71999
3/8” Sq. Dr. Socket Set
3
Hex Inch: 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4”
39 Pc. Security Bits & Ratchet Collector Set
Item No. Description
Case Pack
71988
Bits Collector Set
3
Security TORX: T8s-T40s
Security Hex: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4 & Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10 & Pozidriv: 0, 1, 2, 3
Slotted: 6.5, 8.0mm & Phillips: 1, 2 & Square: 1, 2, 3
1/4” Handle, 1/4” Magnetic Bit Holder,
1/4” Bit Holding Socket Adapter
Security Hex Inch 1/4” Insert Bits - 10 Pack
Item No. Description
Case Pack
71930
5/64 x 25mm
3
71932
3/32 x 25mm
3
71934
7/64 x 25mm
3
71936
1/8 x 25mm
3
71938
9/64 x 25mm
3
71940
5/32 x 25mm
3
71955
3/16 x 25mm
3
71956
7/32 x 25mm
3
71960
1/4 x 25mm
3
Tri-Wing 1/4” Insert Bits - 2 Bit Pack
Item No. Description
Case Pack
71913
5 x 25mm
3
71949
0 x 25mm
3
71950
1 x 25mm
3
71951
2 x 25mm
3
71952
3 x 25mm
3
71953
4 x 25mm
3
2 Bit
Pack
Spanner 1/4” Insert Bits - 10 Pack
Item No. Description
Case Pack
71914
4 x 25mm
3
71916
6 x 25mm
3
71918
8 x 25mm
3
71920
10 x 25mm
3
Torq Set 1/4” Insert Bits - 2 Bit Pack
Item No. Description
Case Pack
71911
4 x 25mm
3
71912
5 x 25mm
3
71957
6 x 25mm
3
71958
8 x 25mm
3
71959
10 x 25mm
3
2 Bit
Pack
Tri-Wing 1/4” Insert Bits - 10 Pack
Item No. Description
Case Pack
71900
0 x 25mm
3
71901
1 x 25mm
3
71902
2 x 25mm
3
71903
3 x 25mm
3
71904
4 x 25mm
3
Torq Set 1/4” Insert Bits - 10 Pack
Item No. Description
Case Pack
71906
6 x 25mm
3
71907
4 x 25mm
3
71908
8 x 25mm
3
71909
5 x 25mm
3
71910
10 x 25mm
3
71921
0 x 25mm
3
71922
1 x 25mm
3
71923
2 x 25mm
3
71924
3 x 25mm
3
Square 1/4” Insert Bits - 3 Bit Pack
Item No. Description
Case Pack
71854
Square Bit Pack
3
Square: 1, 2, 3 x 25mm
10 Pack
10 Pack
10 Pack
10 Pack
2 Bit
Pack
Impact Bit Holding Sockets W/Retaining Ring
Item No. Description
Case Pack
72001
1/4” x 25mm (1/4” Dr.)
3
72002
1/4” x 30mm (3/8” Dr.)
3
72003
1/4” x 35mm (1/2” Dr.)
3
29 Pc. Security Bits & CentroFix Handle Set
Item No. Description
Case Pack
71987
Bits Collector Set
1
Security TORX: T9s - T40s
Security Hex: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16,
7/32, 1/4” &
Tri-Wing: #4, 5 & Torq Set: #5, 8
Spanner: #6, 8, 10 & Pozidriv: #2 & Square: #1, 2
CentroFix Cushion Grip Handle
1/4” Magnetic Bit Holder
1/4” Bit Holding Socket Adapter
Impact Bit Holding Sockets W/Retaining Ring
Item No. Description
Case Pack
72004
5/16” x 25mm (1/4” Dr.)
3
72005
5/16” x 30mm (3/8” Dr.)
3
72006
5/16” x 35mm (1/2” Dr.)
3


유사한 부품 번호 - 72001

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
72001 ETC2-72001 Datasheet
170Kb / 1P
Wiha Sockets
72001E ETC2-72001E Datasheet
280Kb / 4P
Industrial Ethernet Cables
logo
Belden Inc.
72001E BELDEN-72001E Datasheet
145Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
72001E.013000 BELDEN-72001E.013000 Datasheet
145Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
72001E.01305 BELDEN-72001E.01305 Datasheet
145Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
More results

유사한 설명 - 72001

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
3-BIT 4:1 MULTIPLEXER
REV 2
logo
Micrel Semiconductor
SY10E171 MICREL-SY10E171 Datasheet
60Kb / 4P
3-BIT 4:1 MULTIPLEXER
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
logo
Bourns Electronic Solut...
3362 BOURNS-3362 Datasheet
249Kb / 2P
1/4 Square Trimming Potentiometer
logo
Micrel Semiconductor
SY10E171 MICREL-SY10E171_06 Datasheet
61Kb / 4P
3-BIT 4:1 MULTIPLEXER
logo
Schneider Electric
NSYINS81 SCHNEIDER-NSYINS81 Datasheet
73Kb / 1P
Shape insert - lock 8 mm square insert
Aug 10, 2019
logo
FIBOX Enclosing innovat...
8120861 FIBOX-8120861 Datasheet
40Kb / 1P
Locking insert Square 7mm
24.07.2023
8120862 FIBOX-8120862 Datasheet
40Kb / 1P
Locking insert Square 8mm
24.07.2023
8120981 FIBOX-8120981 Datasheet
40Kb / 1P
Locking insert Square 7mm
24.07.2023
8120982 FIBOX-8120982 Datasheet
40Kb / 1P
Locking insert Square 8mm
24.07.2023
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com