| 전자부품 데이터시트 검색엔진 |
|
36965 데이터시트(PDF) 13 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36965 데이터시트(HTML) 13 Page - Wiha Tools |
|
13 / 44 page ![]() 13 Hex Inch & Metric Drivers, With Wiha T-handle Chamfered tip for easy insertion. Wiha-T-handle high quality plastic, impact resistant. Item No. mm mm mm mm Inch lbs. pkg. 33401 2.0 100 80 126 4.9 .05 10 33436 2.0 200 80 226 8.9 .05 10 33402 2.5 100 80 126 4.9 .05 10 33437 2.5 200 80 226 8.9 .08 10 33403 3.0 100 80 126 4.9 .05 10 33404 3.0 150 80 176 6.9 .08 10 33405 3.0 200 80 226 8.9 .09 10 33435 3.0 350 100 382 15.0 .22 10 33406 4.0 100 80 126 4.9 .07 10 33407 4.0 150 80 176 6.9 .10 10 33408 4.0 200 80 226 8.9 .09 10 33438 4.0 350 100 382 15.0 .26 10 33409 5.0 100 100 132 5.2 .13 10 33410 5.0 150 100 182 7.1 .17 10 33411 5.0 200 100 232 9.1 .16 10 33412 5.0 350 100 382 15.0 .26 10 33413 5.0 450 120 488 19.1 .53 10 33414 6.0 100 100 132 5.2 .14 10 33415 6.0 150 100 182 7.1 .18 10 33416 6.0 200 100 232 9.1 .20 10 33417 6.0 350 100 382 15.0 .32 10 33419 7.0 200 100 232 9.1 .22 10 33421 8.0 100 100 132 5.2 .20 10 33423 8.0 200 100 232 9.1 .29 10 33434 8.0 350 100 372 14.6 .48 10 33425 10.0 100 120 138 5.4 .34 10 33427 10.0 200 120 238 9.3 .49 10 33429 12.0 200 120 238 9.3 .58 10 10 Piece Hex Driver T-handle Set, Inch Sizes Item No. Inch Inch Inch Inch lbs. 33492 33453 3/32 6.0 33468 3/16 6.0 1.74 33456 7/64 6.0 33471 7/32 6.0 33459 1/8 6.0 33474 1/4 6.0 33462 9/64 6.0 33477 5/16 6.0 33465 5/32 6.0 33480 3/8 6.0 Ergonomic handle design for high torque Smooth edges prevent injuries & eliminate pressure marks Hole for hanging Handle is molded directly onto blade Blade Wiha exclusive Chrome-V-Moly super tool steel hardened, nickel-plated 33492 8 Pc. Hex Driver T-handle Set, Inch Sizes - In metal stand Item No. Inch Inch Inch Inch lbs. 33484 33459 1/8 6.0 33471 7/32 6.0 3.07 33462 9/64 6.0 33474 1/4 6.0 33465 5/32 6.0 33477 5/16 6.0 33468 3/16 6.0 33480 3/8 6.0 33484 8 Piece Hex Driver T-handle Set, Metric Sizes Item No. mm mm mm mm lbs. 33493 33401 2.0 100 33409 5.0 100 1.64 33402 2.5 100 33416 6.0 200 33403 3.0 100 33423 8.0 200 33406 4.0 100 33427 10.0 200 33493 8 Pc. Hex Driver T-handle Set, Metric Sizes - In metal stand Item No. mm mm mm mm lbs. 33488 33401 2.0 100 33410 5.0 150 3.07 33402 2.5 100 33415 6.0 150 33403 3.0 100 33423 8.0 200 33406 4.0 100 33427 10.0 200 33488 Item No. Inch Inch Inch Inch lbs. pkg. 33453 3/32 6.0 2.8 7.0 .05 10 33456 7/64 6.0 2.8 7.0 .05 10 33459 1/8 6.0 2.8 7.0 .06 10 33462 9/64 6.0 2.8 7.0 .07 10 33465 5/32 6.0 2.8 7.0 .08 10 33468 3/16 6.0 3.5 7.0 .13 10 33471 7/32 6.0 3.5 7.0 .16 10 33474 1/4 6.0 3.5 7.0 .18 10 33477 5/16 6.0 3.5 7.0 .25 10 33480 3/8 6.0 4.1 7.0 .39 10 334 Yellow = Inch Red = Metric Wiha T-handle Hex Tools #33484 #33488 www.wihatools.com SHOP SHOP SHOP SHOP SHOP |