전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33430 데이터시트(PDF) 20 Page - Wiha Tools

부품명 33430
상세설명  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIHA [Wiha Tools]
홈페이지  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33430 데이터시트(HTML) 20 Page - Wiha Tools

Back Button 33430 Datasheet HTML 16Page - Wiha Tools 33430 Datasheet HTML 17Page - Wiha Tools 33430 Datasheet HTML 18Page - Wiha Tools 33430 Datasheet HTML 19Page - Wiha Tools 33430 Datasheet HTML 20Page - Wiha Tools 33430 Datasheet HTML 21Page - Wiha Tools 33430 Datasheet HTML 22Page - Wiha Tools 33430 Datasheet HTML 23Page - Wiha Tools 33430 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Short Arm Hex L-keys Black Finish
L-key Hex Metric, Short Arm high alloy CVM steel,
hardened, black finish. Precision machined, burr free chamfered ends.
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
35301
0.7
31
1.2
-
-
.01
10
35302
0.9
31
1.2
-
-
.01
10
35303
1.3
40
1.6
12
.5
.01
10
35304
1.5
45
1.8
14
.6
.01
10
35305
2.0
49
1.9
16
.6
.01
10
35306
2.5
55
2.2
18
.7
.01
10
35307
3.0
61
2.4
20
.8
.02
10
35308
4.0
68
2.7
25
1.0
.03
10
35309
5.0
78
3.1
28
1.1
.04
10
35310
6.0
88
3.5
32
1.3
.07
10
35311
7.0
92
3.6
34
1.3
.10
10
35312
8.0
97
3.8
36
1.4
.13
10
35313
9.0
103
4.1
38
1.5
.17
10
35314
10.0
109
4.3
40
1.6
.23
10
35316
11.0
115
4.5
42
1.7
.29
10
35317
12.0
122
4.8
45
1.8
.40
1
35318
14.0
137
5.4
56
2.2
.61
1
35319
17.0
156
6.1
63
2.5
1.03 1
35320
19.0
176
6.9
70
2.8
1.40 1
35321
22.0
195
7.7
80
3.1
2.17 1
353 Metric
L-key Hex Inch, Short Arm black finish
Item
No.
Inch
mm
Inch
mm
Inch
lbs.
pkg.
35301
.028
31
1.2
-
-
.01
10
35302
.035
31
1.2
-
-
.01
10
35330
.050
40
1.6
10
.4
.01
10
35331
1/16
46
1.8
14
.6
.01
10
35332
5/64
50
2.0
16
.6
.01
10
35333
3/32
52
2.1
19
.8
.01
10
35334
7/64
54
2.1
19
.8
.01
10
35335
1/8
58
2.3
21
.8
.02
10
35336
9/64
62
2.4
23
.9
.02
10
35337
5/32
68
2.7
25
1.0
.02
10
35338
3/16
70
2.8
26
1.0
.05
10
35339
7/32
77
3.1
29
1.2
.07
10
35340
1/4
88
3.5
31
1.2
.07
10
35341
5/16
98
3.9
36
1.4
.13
10
35342
3/8
107
4.2
38
1.5
.20
10
35343
1/2
133
5.2
44
1.7
.49
1
35345
9/16
158
6.2
64
2.5
.66
1
35346
5/8
175
6.9
71
2.8
.86
1
35347
3/4
198
7.8
89
3.5
1.45
1
35348
1”
220
8.7
91
3.6
3.14
1
353 Inch
35390
35391
9 Piece Metric Hex L-key Set, In Plastic Holder
Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
lbs. .59
pkg. 1
13 Piece Inch Hex L-key Set, In Plastic Holder
Equipped with .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
lbs. .64
pkg. 1
35393
5 Piece Mini Inch Hex L-key Set, In Plastic Holder
Equipped with .028, .035, .050, 1/16, 5/64”
lbs. .03
pkg. 1
35392 5 Piece Mini Metric Hex L-key Set, In Plastic Holder
Equipped with 0.7, 0.9, 1.3, 1.5, 2.0mm
lbs. .03
pkg. 1
Black Finish
Black Finish
20
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com