전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33459 데이터시트(PDF) 5 Page - Wiha Tools

부품명 33459
상세설명  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIHA [Wiha Tools]
홈페이지  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33459 데이터시트(HTML) 5 Page - Wiha Tools

  33459 Datasheet HTML 1Page - Wiha Tools 33459 Datasheet HTML 2Page - Wiha Tools 33459 Datasheet HTML 3Page - Wiha Tools 33459 Datasheet HTML 4Page - Wiha Tools 33459 Datasheet HTML 5Page - Wiha Tools 33459 Datasheet HTML 6Page - Wiha Tools 33459 Datasheet HTML 7Page - Wiha Tools 33459 Datasheet HTML 8Page - Wiha Tools 33459 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
Inch & Metric Ball End Hex Keys Color Coded
9 Piece Metric Ball End Hex Long L-key Set With Color
Coded Keys Chrome-V-Moly, hardened
Item No.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0, 10.0mm
lbs. .90
For angle
entry
25° Angle
Ball End Metric Hex Long Arm L-key, Set With Color
Coded Keys Blade Chrome-V-Moly, hardened.
Item
No.
Color Key
mm
mm
mm
lbs.
brown
1.5
91
15
.005
green
2.0
101
18
.009
chrome
2.5
113
20
.017
blue
3.0
128
23
.019
purple
4.0
142
29
.04
red
5.0
163
33
.06
Copper
6.0
184
38
.10
gold
8.0
206
44
.20
grey
10.0
231
50
.38
Ball End Inch Hex Long Arm L-key, Set With Color
Coded Keys Blade Chrome-V-Moly, hardened.
Item
No.
Color Key
Inch
Brown
.050
Green
1/16
Chrome
5/64
Blue
3/32
Purple
7/64
Red
1/8
Copper
9/64
Gold
5/32
Grey
3/16
Black
7/32
Chrome
1/4
Green
5/16
Brown
3/8
Color coding for immediate
identification of L-keys
25° Working
Angles
Wiha exclusive Chrome-
V-Moly super tool steel,
through hardened
13 Piece Inch Ball End Hex Long L-key Set With Color
Coded Keys Chrome-V-Moly, hardened
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8,
9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
lbs. .90
Corrosion resistant
nickel chrome base
finish
Wiha standard extra
long for extended
reach
*Inch sizes
available
Dec. 2013
*Inch sizes available December 2013
Available
December 2013
Available
Fall 2013
569
56901
56902
56903
56904
56905
56906
56907
56908
56909
56910
56911
56912
56913
569
56914
56915
56916
56917
56918
56919
56920
56921
56922
36986
36986
36987
36987
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com