전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5970D 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 L5970D
상세설명  Up to 1A step down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D 데이터시트(HTML) 5 Page - STMicroelectronics

  L5970D Datasheet HTML 1Page - STMicroelectronics L5970D Datasheet HTML 2Page - STMicroelectronics L5970D Datasheet HTML 3Page - STMicroelectronics L5970D Datasheet HTML 4Page - STMicroelectronics L5970D Datasheet HTML 5Page - STMicroelectronics L5970D Datasheet HTML 6Page - STMicroelectronics L5970D Datasheet HTML 7Page - STMicroelectronics L5970D Datasheet HTML 8Page - STMicroelectronics L5970D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L5970D
Electrical characteristics
5/16
3
Electrical characteristics
Table 4. Electrical characteristics
( TJ = 25°C, VCC = 12V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Operating input
voltage range
Vo = 1.235V; Io = 2A
(1)
4.4
36
V
RDS(on)
Mosfet on
Resistance
(1)
0.250
0.5
Ω
Il
Maximum limiting
current
VCC = 4.4V to 36V
1.5
1.87
2.25
A
fs
Switching frequency
(1)
212
250
280
KHz
225
250
275
KHz
Duty cycle
0
100
%
Dynamic characteristics (see test circuit ).
V5
Voltage feedback
4.4V < VCC < 36V,
20mA < IO < 2A
1.220
1.235
1.25
V
(1)
1.198
1.235
1.272
V
h
Efficiency
VO = 5V, VCC = 12V
90
%
DC characteristics
Iqop
Total operating
quiescent current
(1)
35
mA
Iq
Quiescent current
Duty cycle = 0;
VFB = 1.5V
2.5
mA
Iqst-by
Total stand-by
quiescent current
Vinh > 2.2V
(1)
50
100
µA
VCC = 36V;
Vinh > 2.2V
(1)
80
150
µA
Inhibit
INH threshold
voltage
Device ON
0.8
V
Device OFF
2.2
V
Error amplfier
VOH
High level output
voltage
VFB = 1V
3.5
V
VOL
Low level output
voltage
VFB = 1.5V
0.4
V
Io source
Source output
current
VCOMP = 1.9V;
VFB = 1V
200
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com