전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2984 데이터시트(PDF) 34 Page - Analog Devices

부품명 LTC2984
상세설명  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC2984 데이터시트(HTML) 34 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 30Page - Analog Devices LTC2984 Datasheet HTML 31Page - Analog Devices LTC2984 Datasheet HTML 32Page - Analog Devices LTC2984 Datasheet HTML 33Page - Analog Devices LTC2984 Datasheet HTML 34Page - Analog Devices LTC2984 Datasheet HTML 35Page - Analog Devices LTC2984 Datasheet HTML 36Page - Analog Devices LTC2984 Datasheet HTML 37Page - Analog Devices LTC2984 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
LTC2984
34
2984fb
For more information www.linear.com/LTC2984
Table 32. RTD Sensor Configuration Selection
(3) SENSE
CONFIGURATION
MEASUREMENT MODE
BENEFITS
NUMBER
OF WIRES
EXCITATION
MODE
NUMBER
OF WIRES
GROUND
CONNECTION
CURRENT
SOURCE
ROTATION
SENSE
RESISTOR
SHARING
RTDs
POSSIBLE
PER
DEVICE
CANCELS RTD
MATCHED
LEAD
RESISTANCE
CANCELS RTD
MISMATCH
LEAD
RESISTANCE
CANCELS
PARASITIC
THERMOCOUPLE
EFFECTS
CANCELS
RSENSE
LEAD
RESISTANCE
B21 B20 B19 B18
0
0
0
0
2-Wire
External
No
No
5
0
0
0
1
2-Wire
Internal
No
Yes
9
0
1
0
0
3-Wire
External
No
No
5
•
0
1
0
1
3-Wire
Internal
No
Yes
9
•
0
1
1
X
Reserved
1
0
0
0
4-Wire
External
No
No
4
•
•
1
0
0
1
4-Wire
Internal
No
Yes
6
•
•
1
0
1
0
4-Wire
Internal
Yes
Yes
6
•
•
•
1
0
1
1
Reserved
1
1
0
0
4-Wire,
Kelvin
RSENSE
External
No
No
4
•
•
•
1
1
0
1
4-Wire,
Kelvin
RSENSE
Internal
No
Yes
5
•
•
•
1
1
1
0
4-Wire,
Kelvin
RSENSE
Internal
Yes
Yes
5
•
•
•
•
1
1
1
1
Reserved
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78