전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASFN42771 데이터시트(PDF) 19 Page - Panasonic Semiconductor

부품명 ASFN42771
상세설명  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN42771 데이터시트(HTML) 19 Page - Panasonic Semiconductor

Back Button ASFN42771 Datasheet HTML 12Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 13Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 14Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 15Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 16Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 17Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 18Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 19Page - Panasonic Semiconductor ASFN42771 Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
For DC Fans
For AC Fans
1. 30 x 30 Series
Discharge side / Suction side
28.0
24.0
28.0 24.0
4-Ø3.2
2. 40 x 40 Series
Discharge side / Suction side
3. 60 x 60 Series
Discharge side / Suction side
38.6
32.0
38.6 32.0
4-3.5 dia.
50.0
58.0
58.0 50.0
4-4.3 dia.
65.0
dia.
4. 80 x 80 Series
Discharge side / Suction side
77.6
71.5
77.6 71.5
4-4.3
Ø85
,
5. 92 x 92 Series
Discharge side / Suction side
89.4
82.5
89.4 82.5
4-4.3 dia.
106.4
dia.
6. 120 x 120 Series
Discharge side / Suction side
115.0
105.0
105.0
115.0
4-4.3 dia.
1. 60 x 60 Series
Discharge side / Suction side
50
50
4-4.3 dia.
58.5 dia.
2. 80 x 80 Series
Discharge side / Suction side
3. 92 x 92 Series
Discharge side / Suction side
77
71.5
77 71.5
4-4.3 dia.
88 dia.
89
82.5
89 82.5
4-4.3 dia.
106
dia.
4. 120 x 120 Series
Discharge side / Suction side
115
105
115 105
4-4.3 dia.
136
dia.
5. 152 x 172 Series
Discharge side / Suction side
146
162
2-4.3 dia.
152
dia.
19
MOUNTING HOLE DIMENSIONS (MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20