| 전자부품 데이터시트 검색엔진 |
|
CN-14A-R-C3 데이터시트(PDF) 13 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
CN-14A-R-C3 데이터시트(HTML) 13 Page - Panasonic Semiconductor |
|
13 / 20 page ![]() DP-100 I/O CIRCUIT AND WIRING DIAGRAMS I/O circuit diagram I/O circuit diagram Symbols D : Reverse supply polarity protection diode ZD1, ZD2 : Surge absorption zener diode Tr1, Tr2 : NPN output transistor Symbols D : Reverse supply polarity protection diode ZD1, ZD2 : Surge absorption zener diode Tr1, Tr2 : PNP output transistor 12 to 24 V DC ±10 % + (Black) Comparative output 1 Load Load (White) Comparative output 2 Tr1 ZD2 ZD1 Tr2 100 mA ma . 100 mA ma . (Blue) 0 V D Terminal Designation +V Comparative output 1 Standard type: Comparative output 2 Multi-function type: Analog output or E ternal input 0 V Terminal arrangement diagram Terminal Designation +V Comparative output 1 Standard type: Comparative output 2 Multi-function type: Analog output or E ternal input 0 V Terminal arrangement diagram Standard type Standard type 1 2 3 1 1 2 3 4 2 3 4 1 1 2 3 4 2 3 4 4 Users’ circuit Internal circuit Terminal No. Color code of connector attached cable (Brown) +V Symbols D1, D2 : Reverse supply polarity protection diode ZD1 : Surge absorption zener diode Tr1 : PNP input transistor Tr2 : NPN output transistor Multi-function type Symbols D1, D2 : Reverse supply polarity protection diode ZD1: Surge absorption zener diode Tr1 : PNP output transistor Tr2 : NPN input transistor Multi-function type NPN output type DP-10 PNP output type DP-10 -P Users’ circuit Internal circuit D1 12 to 24 V DC ±10 % + Load Load Tr1 ZD2 ZD1 Tr2 100 mA ma . 100 mA ma . (Blue) 0 V 1 Terminal No. Color code of connector attached cable 2 3 4 (Black) Comparative output 1 (White) Comparative output 2 (Brown) +V D2 D3 1k Users’ circuit Internal circuit D1 D3 12 to 24 V DC ±10 % + (White) Analog output or E ternal input Load (Black) Comparative output 1 (Brown) +V Tr1 5V ZD1 Tr2 100 mA ma . (Blue) 0 V 1 3 2 4 Terminal No. Color code of connector attached cable D2 1k Users’ circuit Internal circuit ZD1 D1 D2 12 to 24 V DC ±10 % + (White) Analog output or E ternal input Load (Black) Comparative output 1 (Brown) +V Tr1 Tr2 (Blue) 0 V 100 mA ma . 1 2 3 4 Terminal No. Color code of connector attached cable D3 12 |