전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CHX-SC2 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 CHX-SC2
상세설명  Compact Photoelectric Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CHX-SC2 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  CHX-SC2 Datasheet HTML 1Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 2Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 3Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 4Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 5Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 6Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 7Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 8Page - Panasonic Semiconductor CHX-SC2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Compact Photoelectric Sensor
CX-400 SERIES Ver.2
278
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGYCONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Hardly affected by colors
Strong infrared beam
Remarkable penetrating power enables applications
such as package content detection.
BASIC PERFORMANCE
Can sense differences as small as 0.4 mm 0.016 in,
with hysteresis of 2 % or less
An advanced optical system provides sensing
performance that is 2.5 times approx. than conventional
models. Even ultra-small differences of 0.4 mm 0.016 in
can be detected accurately.
CX-412/413
Note: When sensing utilizing penetrating power, make sure to verify
using the actual sensor.
CX-441/443
2.5 times the
sensing capability!
Height differences of as
little as 0.4 mm 0.016 in
can be detected at a
setting distance of 20 mm
0.787 in
30 % higher
sensing capability
Retroreflective type with polarizing filters
Built-in polarizing filters ensure stable sensing even on a
specular object.
CX-491
CX-441/443
CX-491
The difference in sensing ranges is 1% or less between non-glossy white paper with a
setting distance of 50 mm 1.969 in and non-glossy gray paper with a brightness level of 5.
Out of position
Slit mask
CX-411
APPLICATIONS
Detecting out of position tape
feeder cassette
Detecting objects in dusty
environment
Passage confirmation of object
on a conveyor belt
Detecting transparent glass bottles
Detecting a small tablet
Detecting a biscuit
CX-412
CX-491
CX-481
CX-441
Both black and white objects can be sensed at the
same distances. No adjuster control is needed, even
when products of different colors are moving along the
production line.
CX-443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com