| 전자부품 데이터시트 검색엔진 |
|
EEUFC0J152S 데이터시트(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEUFC0J152S 데이터시트(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 17 page ![]() Aluminum Electrolytic Capacitors Radial Lead Type ● Endurance : 105 ℃ 1000 h to 5000 h ● Low impedance ● AEC-Q200 compliant ● RoHS compliant Duration Unit:mm FC-A series Endurance 0.80 0.90 capacitors are restored to 20 ℃, the capacitors shall meet the limits specified bellow. stabilized at +20 °C, capacitors shall meet the limits specified in endurance. This Series is no longer available for purchase in the country of Japan. 0.95 1.00 0.85 0.95 1.00 1.00 390 to 1000 1200 to 2200 2700 to 15000 0.80 0.90 0.95 1.00 I ≦ 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater) Rated voltage range Capacitance tolerance ±20 % (120 Hz / +20℃) Leakage current (120 Hz /+20℃) 100 0.07 63 0.08 50 0.10 35 0.12 25 0.14 16 0.16 10 0.19 6.3 0.22 18.0 L=7 L≧11 Within ±20 % of the initial value Dissipation factor(tan δ) ≦ 200 % of the initial limit Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. 20-Dec-19 Dimensions Shelf life After storage for 1000 h at +105 ℃±2 ℃ with no voltage applied and then being (With voltage treatment) 2.2 to 330 Cap.(μF) 60 120 1 k 10 k 100 k 0.55 0.70 0.75 Features Specifications Capacitance range 2.2 μF to 15000 μF Category temp. range –55 ℃ to +105 ℃ 6.3 V to 100 V 0.75 Capacitance change Freq.(Hz) After following life test with DC voltage and +105 ℃±2 ℃ ripple current value applied DC leakage current Within the initial limit Rated voltage(V) Dissipation factor(tan δ) For capacitance value ≧ 1000 μF, add 0.02 per every 1000 μF. (The sum of DC and ripple peak voltage shall not exceed the rated working voltage)when the ø4 to ø6.3 : 1000 h, ø8 : 2000 h, ø10 : 3000 h, ø12.5 to ø18 : 5000 h 0.65 0.85 0.90 Dissipation factor(tan δ) Frequency correction factor for ripple current 1.00 ― 0.45 2.5 5.0 ― 0.45 2.0 4.0 ― 0.45 1.5 6.3 ― 0.8 7.5 2.0 ― 0.5 5.0 8.0 ― 0.6 3.5 6.3 ― 0.5 2.5 16.0 ― 0.8 7.5 30 to 40 0.8 5.0 15 to 25 0.6 5.0 10.0 ― 0.6 4.0 ― 0.45 1.5 øD L ød F 12.5 5.0 Pressure relief ø6.3 ≦ 14min. L* * L ≦ 16:L±1.0(ø8x15、ø16x15、ø18x15:L±1.5) L ≧ 20:L±2.0 Sleeve 3min. øD±0.5 øD±0.5 ≦ ø8 ø10 ≦ |
유사한 부품 번호 - EEUFC0J152S |
|
유사한 설명 - EEUFC0J152S |