전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N4-02. 데이터시트(PDF) 3 Page - HAKKO Corporation

부품명 N4-02.
상세설명  FM-206 High Performance 3-Port Rework Station
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAKKO [HAKKO Corporation]
홈페이지  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

N4-02. 데이터시트(HTML) 3 Page - HAKKO Corporation

  N4-02. Datasheet HTML 1Page - HAKKO Corporation N4-02. Datasheet HTML 2Page - HAKKO Corporation N4-02. Datasheet HTML 3Page - HAKKO Corporation N4-02. Datasheet HTML 4Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Features efficient
heat transfer.
Removes small
component in
tight places.
needs with any Hakko FM Series hand piece;
FM-2026, FM-2029 and FM-2030.
FM-2027
Tip: T15 series
• Comprehensive lineup of more than 80 shapes
• Firmly locking sleeve ensures ease and safety
of operation
• Four different color grips available
• Green grip standard for North America
Tip: T17 series
• Improved soldering performance due to preheating
and antioxidant effect from N2 gas heated inside the
soldering tip
• Addresses problems such as bridging, protrusion icicle,
and soldering defects caused by insufficient heat
• Recommended for lead-free solder
Tip: N3 series
• Available as pencil or gun type
• Disposable filter cartridge for easy
maintenance
• Easy-to-operate, light-weight
FM-2029
Tip: N4 series
• Ultra-slim for optimal comfort and
performance
• Start / Stop button on handle
• Removes 10 x 10 mm QFNs easily
• Quick-change nozzle
FM-2030
Tip: T22 series
• 2X the power of FM-2027
• Slender, lightweight, one-piece design
• 1
6 different tip shapes available
•
Coming September 2011
Tip: T16 series
• Capable of removing chip
components and SOPs up to 25
mm wide
• Features parallel action (one
blade moves while the other
remains stationary) providing
better heat transfer and more
secure hold onto the component
Tip: T9 series
• Capable of removing
micro chip components
of up to 2 mm wide
FM-2026
FM-2024
Desoldering tool
FM-2022
FM-2023
SMD Hot Tweezers
Hot Air Rework Pencil
For FM-206 only
Pencil or Gun
Configuration
FM-2022
FM-2023
Soldering iron
Heavy Duty Soldering Iron
N2 soldering iron
Handpiece
N2 system
setup
example



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com