전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EEUFR1V152S 데이터시트(PDF) 12 Page - Panasonic Semiconductor

부품명 EEUFR1V152S
상세설명  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S 데이터시트(HTML) 12 Page - Panasonic Semiconductor

Back Button EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Matters to Be Observed When Using This Product / Reference information
■ A capacitor left for a long period is prone to have a greater flow of leak current. This happens because the oxide film
deteriorates under a no-load condition. Voltage application to the capacitor reduces the leak current.
However, at the start of voltage application, a large flow of film recovery current increases the leak current, which may
cause a circuit failure, etc.
■ The storage period of a capacitor is 42 months from the shipment inspection day. However, the storage period of
capacitors not listed in the following table is specified as 12 months.
Store the capacitor in a place where a normal temperature condition (5°C to 35°C) and a normal humidity condition
(45% to 85%) are maintained and direct sunlight is blocked.
■ Avoid storing the capacitor in environments not specified in the delivery specification sheet or in the following
environments or conditions.
(1) Used at a temperature higher than the upper limit category temperature or lower than the lower limit category
temperature
(2) Environments where the capacitor is exposed to water, salt water, or oil
(3) Environments where dew concentrates on the capacitor
(4) Environments filled with a toxic gas (hydrogen sulfide, sulfurous acid, nitrous acid, chlorine and chlorine compound,
bromine and bromine compound, ammonia, etc.)
(5) Environments where the product is exposed to ozone, radiation, UV-rays, etc.
(6) Environments where vibrations or mechanical shocks exceeding a specified range is applied to the capacitor
Some of the product use guidelines described herein are excerpted from JEITA RCR-2367D "Safety application guide
for fixed aluminum electrolytic capacitors for use in electronic equipment," a technical report issued by the Japan
Electronics and Information Technology Industries Association on October 2017. For more detailed information,
please see the above technical report.
Panasonic Group provides customers with safe products and services. We are also making great efforts to protect our
intellectual property rights for Panasonic Group products. Typical patents related to this product are as follows. (Hybrid type)
[U.S. patent]
USP Nos. 7497879, 7621970, 9208954, 9595396, 9966200, 10453618, 10559432, 10679800, 10685788,
and 10790095.
[Japanese patent]
Japanese Patent No. 5360250
[European patent]
EP-A Nos. 1808875 and 2698802
Reference information
 Guidelines
 Intellectual property
1-Dec-23
Storage period
42 months from the
shipment inspection day
Product category
Hybrid type
Surface-mounted type
other than the hybrid
type
Radial lead type other
than the hybrid type
Series
All hybrid series
S (hot lead-free reflow), HA (hot lead-free reflow)
HB (hot lead-free reflow, 5.4 mm in height)
HC, HD, FCA, FC, FKA, FK, FKS, FP,FT, FH, FN
TG, TK, TP, TC, TCU, TQ
FC-A, FK-A, HD-A, TA-A, TP-A, FP-A
 Storage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com