전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPFF12OM4AP 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 MPFF12OM4AP
상세설명  MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A, 40GB 50/125 OM4 MMF, OFNP JACKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

MPFF12OM4AP 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  MPFF12OM4AP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOSPODAR
PHOSPODAR
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
LENGTH
J1
MPO FEMALE
12 FIBER CONNECTOR
J2
MPO FEMALE
12 FIBER CONNECTOR
12 FIBER ROUND CABLE
50/125 MULTIMODE OM4
OFNP (PLENUM) RATED
COLOR: MAGENTA
KEY UP
KEY DOWN
FIBER #1
FIBER #1
NOTES:
ALL CONNECTORS ACCOMPANIED WITH A DUST CAP
1.
INSTALLED (NOT SHOWN).
PACKAGING: INDIVIDUALLY PACKAGE EACH ASSEMBLY IN
2.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
WIRING MAP
TYPE A
J1 COLOR J2
1
BLUE
1
2
ORANGE 2
3
GREEN 3
4
BROWN 4
5
GRAY
5
6
WHITE
6
7
RED
7
8
BLACK 8
9
YELLOW 9
10
PURPLE 10
11
ROSE 11
12
AQUA 12
LENGTH
ITEM NO.
METERS [FEET]
MPFF12OM4AP-1
1.0 [3.28]
MPFF12OM4AP-3
3.0 [9.84]
MPFF12OM4AP-5
5.0 [16.40]
MPFF12OM4AP-10
10.0 [32.81]
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
4/28/2022
PHOSPODAR
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
MPFF12OM4AP
A
1
1
JJOHNSTON
4/28/2022
4/28/2022
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A,
40GB 50/125 OM4 MMF, OFNP JACKET
FIBER OPTICS
UNLESS OTHERWISE SPECIFIED,
KGLEBOVA
COLOR VARIATIONS
MAY OCCUR
4/20/2022
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: MPFF12OM4AP.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
MPFF12OM4AP
A
1
1
JJOHNSTON
4/28/2022
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
4/28/2022
4/28/2022
A
INITIAL RELEASE
PHOSPODAR
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
FIBER OPTICS
UNLESS OTHERWISE SPECIFIED,
KGLEBOVA
COLOR VARIATIONS
MAY OCCUR
4/20/2022
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: MPFF12OM4AP.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


유사한 부품 번호 - MPFF12OM4AP

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
MPFF12OM4AR L-COM-MPFF12OM4AR Datasheet
120Kb / 1P
MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A, 40GB 50/125 OM4 MMF, OFNR JACKET
4/20/2022
MPFF12OM4AR-1 L-COM-MPFF12OM4AR-1 Datasheet
120Kb / 1P
MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A, 40GB 50/125 OM4 MMF, OFNR JACKET
4/20/2022
MPFF12OM4AR-10 L-COM-MPFF12OM4AR-10 Datasheet
120Kb / 1P
MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A, 40GB 50/125 OM4 MMF, OFNR JACKET
4/20/2022
MPFF12OM4AR-3 L-COM-MPFF12OM4AR-3 Datasheet
120Kb / 1P
MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A, 40GB 50/125 OM4 MMF, OFNR JACKET
4/20/2022
MPFF12OM4AR-5 L-COM-MPFF12OM4AR-5 Datasheet
120Kb / 1P
MPO NO PINS TO MPO NO PINS, 12 FIBER, TYPE A, 40GB 50/125 OM4 MMF, OFNR JACKET
4/20/2022
More results

유사한 설명 - MPFF12OM4AP

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
N4822M246M12 TRIPPLITE-N4822M246M12 Datasheet
520Kb / 2P
100Gb-120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP-MPO to (x6) 12-Fiber MTP-MPO
N4826M126M12 TRIPPLITE-N4826M126M12 Datasheet
516Kb / 2P
40Gb Pass-Through Cassette - (x6) 12-Fiber MTP-MPO
N482-2M12-LC12 TRIPPLITE-N482-2M12-LC12 Datasheet
171Kb / 3P
40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber OM4 MTP/MPO ( Male with Pins ) to (x12) LC
N482-2M24-6M12 TRIPPLITE-N482-2M24-6M12 Datasheet
167Kb / 2P
100Gb/120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP/MPO ( Male with Pins ) to (x6) 12-Fiber OM4 MTP/MPO ( Male with Pins )
N484-2M12-LC12 TRIPPLITE-N484-2M12-LC12 Datasheet
171Kb / 3P
40Gb to 10Gb Breakout Cassette, (x2) 12-Fiber OM4 MTP/MPO ( Male with Pins ) to ( x12 ) LC Duplex
N484-2M24-6M12 TRIPPLITE-N484-2M24-6M12 Datasheet
170Kb / 3P
100Gb/120Gb to 40Gb Breakout Cassette, (x2) 24-Fiber MTP/MPO ( Male with Pins ) to (x6) 12-Fiber MTP/MPO Male with Pins )
logo
Molex Electronics Ltd.
1062250005 MOLEX-1062250005_V01 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 3.00mm, Multimode, 12 Fiber, Plenum, OM4, 10.0m Length, Aqua
1062250006 MOLEX-1062250006_V01 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode, 12 Fiber, Plenum, OM4, 25.0m Length, Aqua
1062250007 MOLEX-1062250007_V01 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode, 12 Fiber, Plenum, OM4, 50.0m Length, Aqua
1062250008 MOLEX-1062250008_V01 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode, 12 Fiber, Plenum, OM4, 100.0m Length, Aqua
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com