| 전자부품 데이터시트 검색엔진 |
|
HTMS8101FUG/AM 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8101FUG/AM 데이터시트(HTML) 1 Page - NXP Semiconductors |
|
1 / 57 page ![]() 1. General description The HITAG product line is well known and established in the contactless identification market. Due to the open marketing strategy of NXP Semiconductors there are various manufacturers well established for both the transponders/cards as well as the read/write devices. All of them supporting HITAG 1, HITAG 2 and HITAG S transponder ICs. With the new HITAG µ family, this existing infrastructure is extended with the next generation of ICs being substantially smaller in mechanical size, lower in cost, offering more operation distance and speed, but still being operated with the same reader infrastructure and transponder manufacturing equipment. The protocol and command structure for HITAG µ is design to support Reader Talks First (RTF) operation, including anti-collision algorithm. Different memory sizes are offered and can be operated using exactly the same protocol. 1.1 Target markets 1.1.1 Animal identification The ISO standards ISO 11784 and ISO 11785 are well established in this market and HITAG µ is especially designed to deliver the optimum performance compliant to these standards. The HITAG µ advanced ICs are offering additional memory for storage of customized offline data like further breeding details. 1.1.2 Laundry automation • Identify 200 pcs of garment with one read/write device • Long operation distance with typical small shaped laundry button transponders • Insensitive to harsh conditions like pressure, heat and water HTMS1x01; HTMS8x01 HITAG µ transponder IC Rev. 3.4 — 21 May 2015 152934 Product data sheet COMPANY PUBLIC |
유사한 부품 번호 - HTMS8101FUG/AM |
|
유사한 설명 - HTMS8101FUG/AM |