전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTMS8101FTB/AF 데이터시트(PDF) 26 Page - NXP Semiconductors

부품명 HTMS8101FTB/AF
상세설명  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8101FTB/AF 데이터시트(HTML) 26 Page - NXP Semiconductors

Back Button HTMS8101FTB/AF Datasheet HTML 22Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 23Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 24Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 25Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 27Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 29Page - NXP Semiconductors HTMS8101FTB/AF Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
26 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
13. State diagram
13.1 General description of states
RF Off
The powering magnetic field is switched off or the HITAG µ transponder IC is out of the
field.
WAIT
After start up phase, the HITAG µ transponder IC is ready to receive the first command.
READY
The HITAG µ transponder IC enters this state after a valid command, except of the STAY
QUIET, SELECT or WRITE-ISO11785 command. If there are several HITAG µ
transponder ICs at the same time in the field of the RWD antenna, the anticollision
sequence can be started to determine the UID of every HITAG µ transponder IC.
SELECTED
The HITAG µ transponder IC enters the Selected state after receiving the SELECT
command with a matching UID. In the Selected state the respective commands with
SEL=1 are valid only for selected transponder.
Only one HITAG µ transponder IC can be selected at one time. If one transponder is
selected and a second transponder receives the SELECT Command, the first transponder
will automatically change to Quiet state.
QUIET
The HITAG µ transponder IC enters this state after receiving a STAY QUIET command or
when he was in selected state and receives a SELECT command addressed to another
transponder.
In this state, the HITAG µ transponder IC reacts to any request commandos where the
ADR flag is set.
ISO 11785 STATE
In this state the HITAG µ transponder IC replies according to the ISO 11785 protocol.
Remark:
In case of an invalid command the transponder will remain in his actual state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57