| 전자부품 데이터시트 검색엔진 |
|
HTMS8101FTK/AF 데이터시트(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8101FTK/AF 데이터시트(HTML) 44 Page - NXP Semiconductors |
|
44 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 44 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 14.13 LOGIN [ , Advanced, Advanced+] Upon reception of this command without error, the transponder IC compares received password with PWD in memory block (FEh) and if correct it permits write (opt. read) access to the protected memory area (defined in User config, see Table 8) and reports the success of the operation in the response. In case a wrong password is issued in a further login request no access to protected memory blocks will be granted. Default password: FFFFFFFFh Table 45. LOGIN (advanced/advanced+) - request format Flags Command IC MFC Parameter 1 Password CRC-16 Description 5 6 8 (48) 32 (16) No. of bits 00(1)00 101000 MFC - password without UID in READY state 10(1)00 101000 MFC UID password with UID in READY state 01(1)00 101000 MFC - password without UID in SELECTED state Table 46. LOGIN (µ) - request format Flags Command IC MFC Parameter 1 Password CRC-16 Description 5 6 8 (48) 32 (16) No. of bits 00(1)00 101000 MFC - password without UID in READY state 10(1)00 101000 MFC UID password with UID in READY state Table 47. Response to a successful LOGIN request Error flag CRC-16 Description 1 (16) No. of bits 0 |